Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDS-3117R-35SXA1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IDS-3117R-35SXA1E
Description  17" SXGA Industrial Open Frame Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDS-3117R-35SXA1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IDS-3117R-35SXA1E Datasheet HTML 1Page - Advantech Co., Ltd. IDS-3117R-35SXA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download www.advantech.com/products
Online Download
Dimensions
Unit: mm
IDS-3117
IDS-3117 series
IDS-3117E series
Packing List
Part Number
Description
1700002215
1 x M Cable USB-A(M)/USB-A(M) 180CM
1700021332-01
1 x VGA cable 15P(M) 1.8 meter
1962055040
8 x Clamper
1935042520
8 x Screw of clamper M4_25L
1992610005
1 x Cable clamp
1933030500
1 x Screw of cable clamp
1992602010
1 x Cable tie
* USB Cable is only included in IDS-3117R and IDS-3117ER series.
Note: Package contents are subject to change without prior notice
Ordering Information
Model Name
Description
IDS-3117N-35SXA1E
17" SXGA 350 cd/m2 LED Open Frame Monitor
IDS-3117R-35SXA1E
17" SXGA 350 cd/m2 LED Open Frame Touch Monitor
IDS-3117EN-38SXA1E
17" SXGA 380 cd/m2 CCFL Open Frame Monitor
IDS-3117ER-38SXA1E
17" SXGA 380 cd/m2 CCFL Open Frame Touch Monitor
Optional Items
Part Number
Description
1702002600
Power Cord 3P (USA)
1700000596
Power Cord 3P (China)
1700018705
Power Cord 3P (EU)
1757003934
ADAPTER AC100-240V 60W +12V/5A DPS-60PB A
1700000243
DVI cable 2.0 meter
1700091800
CABLE 9P/9P 1.8M M/F (T/S RS-232 Cable)
33.4(N)
36.3(R)
150.0
100.0
75.0
150.0
200.0
382.0
400.0
337.9(Panel Active Area)
Ø3.5
M4
VESA Center
191.0
81.6
300.4
31.0
(31.0)
337.9(Panel Active Area)
31.0
(31.0)
195.5
195.5
400.0
36.3(R)
382.0
200.0
150.0
75.0
100.0
150.0
33.4(N)
195.5
195.5
Ø3.5
M4
VESA Center
191.0
81.6
300.4


Similar Part No. - IDS-3117R-35SXA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3117R-35SXA1E ADVANTECH-IDS-3117R-35SXA1E Datasheet
568Kb / 2P
   17" SXGA Industrial Open Frame Monitor
IDS-3117R-35SXA1E ADVANTECH-IDS-3117R-35SXA1E Datasheet
333Kb / 2P
   17' SXGA Industrial Open Frame Monitor
IDS-3117R-35SXA1E ADVANTECH-IDS-3117R-35SXA1E Datasheet
382Kb / 2P
   17 SXGA Industrial Open Frame Monitor
24-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com