Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78D12F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78D12F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D12F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78D12F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D12F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D12F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D12F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D12F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D12F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2009. 2. 10
1/6
SEMICONDUCTOR
TECHNICAL DATA
KIA78D25F/PI~78D15F/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 8
3 TERMINAL LOW DROP OUTPUT
VOLTAGE REGULATOR
The KIA78D
Series are fixed positive output low dropout
type, 3-pin voltage regulators with positive outout.
These regulators are used to provide a stabilized output voltage from
a fluctuating DC input voltage.
These are 12 fixed output voltage, as follows ; 2.5V, 3.3V, 3.5V,
5V, 6V, 8V, 9V, 10V, 12V, and 15V.
The maximum current capacity is 1A for each of the above voltage.
FEATURES
Built in over voltage protection circuit, over current protection
circuit and thermal shut down circuit.
Richly diverse Lineup.
Low minimum I/O voltage differential.
LINE UP
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.50 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. INPUT
2. GND
3. OUTPUT
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Heat Sink is common to
2 GND
DIM
MILLIMETERS
1. INPUT
2. GND
3. OUTPUT
TO-220IS
10.30 MAX
15.30 MAX
2.70 0.30
0.85 MAX
3.20 0.20
3.00 0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60 0.50
3.90 MAX
1.20
1.30
2.54
4.50 0.20
6.80
2.60 0.20
10
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5
25
2.60 0.15
V
U
D
A
C
Φ
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
PACKAGE
KIA78D25F/PI
2.5
V
F : DPAK
PI : TO-220IS
KIA78D33F/PI
3.3
KIA78D35F/PI
3.5
KIA78D05F/PI
5
KIA78D06F/PI
6
KIA78D08F/PI
8
KIA78D09F/PI
9
KIA78D10F/PI
10
KIA78D12F/PI
12
KIA78D15F/PI
15


Similar Part No. - KIA78D12F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78D12F KEC-KIA78D12F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D12F/PI KEC-KIA78D12F/PI Datasheet
67Kb / 6P
   SEMICONDUCTOR
KIA78D12F/PI KEC-KIA78D12F/PI Datasheet
893Kb / 6P
   SEMICONDUCTOR
More results

Similar Description - KIA78D12F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com