Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78DL12F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78DL12F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78DL12F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78DL12F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78DL12F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78DL12F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78DL12F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78DL12F Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2004. 11. 17
1/5
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 2
THREE TERMINAL POSITIVE LOW DROPOUT
VOLTAGE REGULATOR (5V, 6V, 8V, 9V, 10V, 12V, 15V)
The KIA78DL series are three-terminal regulators with maximum
output current 250mA, consuming low standby current, best suited as
backup power supply for memory, etc. and power supply for medium
size circuits. This series is further provided with various protective
functions.
FEATURES
Low Standby Current Consumption : 500 A (Typ.).
Maximum Output Current : 250mA (Max.).
Less I/O Voltage Difference : 0.6V (Max).
Multiple Protections : Power Reverse Connection/60V Load Dump/
Thermal Protection/Short-Circuit Protection.
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.50 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. INPUT
2. GND
3. OUTPUT
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
KIA78DL05F/PI~78DL15F/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
DIM
MILLIMETERS
1. INPUT
2. GND
3. OUTPUT
TO-220IS
10.30 MAX
15.30 MAX
2.70
0.30
0.85 MAX
Φ3.20 0.20
3.00
0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60
0.50
3.90 MAX
1.20
1.30
2.54
4.50
0.20
6.80
2.60
0.20
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
2.60
0.15
V
U
D
A
C
+
_
+
_
+
_
+
_
+
_
+
_
+
_
10
25
5
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Operating Input Voltage
VIN
29
V
Input Voltage of Surge
VIN
60
V
Power Dissipation-1
(No Heatsink)
F
PD1
1.3
W
PI
2.0
Power Dissipation-2
(Infinite Heatsink)
F
PD2
12.0
W
PI
20.8
Junction Temperature
Tj
-40
150
Operating Temperature
Topr
-40
85
Storage Temperature
Tstg
-55
150
Lead Temperature Time
Tsol
260 (10sec)
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA78DL05F/PI
5
F : DPAK
PI : TO-220IS
KIA78DL06F/PI
6
KIA78DL08F/PI
8
KIA78DL09F/PI
9
KIA78DL10F/PI
10
KIA78DL12F/PI
12
KIA78DL15F/PI
15
LINE-UP


Similar Part No. - KIA78DL12F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78DL12F KEC-KIA78DL12F Datasheet
349Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL12F/PI KEC-KIA78DL12F/PI Datasheet
74Kb / 5P
   SEMICONDUCTOR
More results

Similar Description - KIA78DL12F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com