Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA79S07P Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KIA79S07P
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA79S07P Datasheet(HTML) 6 Page - KEC(Korea Electronics)

Back Button KIA79S07P Datasheet HTML 2Page - KEC(Korea Electronics) KIA79S07P Datasheet HTML 3Page - KEC(Korea Electronics) KIA79S07P Datasheet HTML 4Page - KEC(Korea Electronics) KIA79S07P Datasheet HTML 5Page - KEC(Korea Electronics) KIA79S07P Datasheet HTML 6Page - KEC(Korea Electronics) KIA79S07P Datasheet HTML 7Page - KEC(Korea Electronics) KIA79S07P Datasheet HTML 8Page - KEC(Korea Electronics) KIA79S07P Datasheet HTML 9Page - KEC(Korea Electronics) KIA79S07P Datasheet HTML 10Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997. 3. 21
6/12
KIA79S05P~KIA79S24P
Revision No : 2
ELECTRICAL CHARACTERISTICS
KIA79S10P
(Unless otherwise specified, VIN=-16V, IOUT=40mA, CIN=0.33 F, COUT=0.1 F, 0
Tj 125 )
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25
-10.4
-10.0
-9.6
V
Input Regulation
Reg line
1
Tj=25
-25V VIN -12.5V
-
80
230
mV
-25V VIN -13V
-
30
170
Load Regulation
Reg load
1
Tj=25
1.0mA IOUT 100mA
-
18
90
mV
1.0mA IOUT 40mA
-
8.5
45
Output Voltage
VOUT
1
-25V VIN -12.5V
1.0mA IOUT 40mA
-10.5
-
-9.5
V
VIN=-16V, 1.0mA IOUT 70mA
-10.5
-
-9.5
Quiescent Current
IB
1
Tj=25
-
3.2
6.5
mA
Tj=125
-
-
6.0
Quiescent Current Change
IBI
1
-25V VIN -13V
-
-
1.5
mA
IBO
1.0mA IOUT 40mA
-
-
0.1
Output Noise Voltage
VNO
3
Ta=25 , 10Hz f 100kHz
-
70
-
Vrms
Long Term Stability
VOUT/ t
1
-
22
-
mV/
1.0kHrs
Ripple Rejection Ratio
RR
2
-24V VIN -13V,
Tj=25 , f=120Hz
36
43
-
dB
Dropout Voltage
VIN-
VOUT
1
Tj=25 , IOUT=40mA
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-0.9
-
mV/


Similar Part No. - KIA79S07P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79S05P KEC-KIA79S05P Datasheet
242Kb / 12P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79S06P KEC-KIA79S06P Datasheet
242Kb / 12P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79S08P KEC-KIA79S08P Datasheet
242Kb / 12P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79S09P KEC-KIA79S09P Datasheet
242Kb / 12P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
More results

Similar Description - KIA79S07P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com