Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA278R033FP Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA278R033FP
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA278R033FP Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA278R033FP Datasheet HTML 1Page - KEC(Korea Electronics) KIA278R033FP Datasheet HTML 2Page - KEC(Korea Electronics) KIA278R033FP Datasheet HTML 3Page - KEC(Korea Electronics) KIA278R033FP Datasheet HTML 4Page - KEC(Korea Electronics) KIA278R033FP Datasheet HTML 5Page - KEC(Korea Electronics) KIA278R033FP Datasheet HTML 6Page - KEC(Korea Electronics) KIA278R033FP Datasheet HTML 7Page - KEC(Korea Electronics) KIA278R033FP Datasheet HTML 8Page - KEC(Korea Electronics) KIA278R033FP Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2005. 10. 21
1/10
SEMICONDUCTOR
TECHNICAL DATA
KIA278R015FP/PI~
KIA278R050FP/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 0
2A LOW DROPOUT VOLTAGE REGULATOR
[Low Quiescent Current Type]
FEATURES
2.0A Output Low Dropout Voltage Regulator.
Very Low Dropout Voltage : 0.5V/Max (IOUT=2.0A)
Built-in ON/OFF Control terminal. : Active High
Built in Over Current, Over Heat Protection ASO Protection Functions.
Low Quiescent Current (Output OFF Mode) : 0.5 A(Typ.)
Low Voltage Operation : VOPR(MIN)=2.35V.
LINE UP
ITEM
OUTPUT VOLTAGE (Typ.)
PACKAGE
KIA278R015FP/PI
1.5
FP : D
2PAK-5
PI : TO-220IS-4
KIA278R018FP/PI
1.8
KIA278R020FP/PI
2.0
KIA278R025FP/PI
2.5
KIA278R030FP/PI
3.0
KIA278R033FP/PI
3.3
KIA278R050FP/PI
5.0
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
15
V
ON/OFF Control Voltage
VC
15
V
Output Current
IOUT
2.0
A
Power Dissipation-1
(No Heatsink)
FP
PD1
2.0
W
PI
1.5
Power Dissipation-2
(Infinite Heatsink)
FP
PD2
35
W
PI
15
Junction Temperature
Tj
150
Operating Junction Temperature
Topr
-20
80
Storage Temperature
Tstg
-30
150


Similar Part No. - KIA278R033FP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R033FP/PI KEC-KIA278R033FP/PI Datasheet
1Mb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R033FP/PI KEC-KIA278R033FP/PI Datasheet
1Mb / 10P
   SEMICONDUCTOR
More results

Similar Description - KIA278R033FP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com