Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC7115M Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIC7115M
Description  Analog CMOS Integrated Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7115M Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIC7115M Datasheet HTML 1Page - KEC(Korea Electronics) KIC7115M Datasheet HTML 2Page - KEC(Korea Electronics) KIC7115M Datasheet HTML 3Page - KEC(Korea Electronics) KIC7115M Datasheet HTML 4Page - KEC(Korea Electronics) KIC7115M Datasheet HTML 5Page - KEC(Korea Electronics) KIC7115M Datasheet HTML 6Page - KEC(Korea Electronics) KIC7115M Datasheet HTML 7Page - KEC(Korea Electronics) KIC7115M Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2014. 3. 05
2/8
KIC7108~7160M/T5/P
Revision No : 2
Selection Guide
The output voltage, package type for the ICs can be selected at the user’s request.
The selection can be made with designating the part number as shown below
NO.
Specifications
Description
Function & Output Type
-
Detection Voltage
0.8 ~ 6.0V
Package
M
SOT - 23
T5
TSV
P
TO-92
Block Diagram
Figure. 1
KIC7 1 □
□□
□ □
□□
①③
Pin No
Symbol
Function
SOT-23
TSV
1
3
GND
GND
2
1
VOUT
Detector Output
3
2
VDD
Power Supply Voltage
-
4.5
NC
No Connection.


Similar Part No. - KIC7115M

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC714FK KEC-KIC714FK Datasheet
250Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
More results

Similar Description - KIC7115M

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com