Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMB11_PUMB11 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PEMB11_PUMB11
Description  PNP/PNP resistor-equipped transistors;
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMB11_PUMB11 Datasheet(HTML) 4 Page - NXP Semiconductors

  PEMB11_PUMB11_15 Datasheet HTML 1Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 2Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 3Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 4Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 5Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 6Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 7Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 8Page - NXP Semiconductors PEMB11_PUMB11_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PEMB11_PUMB11
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 30 November 2011
4 of 14
NXP Semiconductors
PEMB11; PUMB11
PNP/PNP resistor-equipped transistors; R1 = 10 k
, R2 = 10 k
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
FR4 PCB, standard footprint
Fig 1.
Per device: Power derating curve for SOT363 (SC-88) and SOT666
Tamb (°C)
-75
175
125
25
75
-25
006aac749
200
100
300
400
Ptot
(mW)
0
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
PEMB11 (SOT666)
[2] --625
K/W
PUMB11 (SOT363)
-
-
625
K/W
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
PEMB11 (SOT666)
[2] --417
K/W
PUMB11 (SOT363)
-
-
417
K/W


Similar Part No. - PEMB11_PUMB11_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB11 PHILIPS-PEMB11 Datasheet
45Kb / 8P
   PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Sep 13
PEMB11 NXP-PEMB11 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PEMB11 NEXPERIA-PEMB11 Datasheet
228Kb / 11P
   PNP/PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
29 December 2022
More results

Similar Description - PEMB11_PUMB11_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Nexperia B.V. All right...
PQMB11 NEXPERIA-PQMB11 Datasheet
708Kb / 14P
   PNP/PNP resistor-equipped transistors;
logo
NXP Semiconductors
PEMB14 PHILIPS-PEMB14_15 Datasheet
71Kb / 10P
   PNP/PNP resistor-equipped transistors
Rev. 02-31 August 2009
PDTA144E PHILIPS-PDTA144E Datasheet
92Kb / 14P
   PNP resistor-equipped transistors
2004 Aug 05
PDTA123E PHILIPS-PDTA123E Datasheet
102Kb / 14P
   PNP resistor-equipped transistors
2004 Aug 02
PEMD19 PHILIPS-PEMD19 Datasheet
62Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
   NPN/PNP resistor-equipped transistors;
logo
NXP Semiconductors
PUMD48 PHILIPS-PUMD48 Datasheet
64Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 Apr 22
PUMD9 PHILIPS-PUMD9 Datasheet
63Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 May 20
PUMD3 PHILIPS-PUMD3 Datasheet
334Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 10-15 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com