Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD9_PUMD9 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PEMD9_PUMD9
Description  NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 47 k?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD9_PUMD9 Datasheet(HTML) 2 Page - NXP Semiconductors

  PEMD9_PUMD9_15 Datasheet HTML 1Page - NXP Semiconductors PEMD9_PUMD9_15 Datasheet HTML 2Page - NXP Semiconductors PEMD9_PUMD9_15 Datasheet HTML 3Page - NXP Semiconductors PEMD9_PUMD9_15 Datasheet HTML 4Page - NXP Semiconductors PEMD9_PUMD9_15 Datasheet HTML 5Page - NXP Semiconductors PEMD9_PUMD9_15 Datasheet HTML 6Page - NXP Semiconductors PEMD9_PUMD9_15 Datasheet HTML 7Page - NXP Semiconductors PEMD9_PUMD9_15 Datasheet HTML 8Page - NXP Semiconductors PEMD9_PUMD9_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PEMD9_PUMD9
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 22 November 2011
2 of 16
NXP Semiconductors
PEMD9; PUMD9
NPN/PNP resistor-equipped transistors; R1 = 10 k
, R2 = 47 k
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = placeholder for manufacturing site code
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
GND (emitter) TR1
2
input (base) TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
output (collector) TR1
001aab555
6
4
5
1
3
2
65
4
1
23
R2
TR1
TR2
R1
R2
R1
006aaa143
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PEMD9
-
plastic surface-mounted package; 6 leads
SOT666
PUMD9
SC-88
plastic surface-mounted package; 6 leads
SOT363
Table 5.
Marking codes
Type number
Marking code[1]
PEMD9
D9
PUMD9
D*9


Similar Part No. - PEMD9_PUMD9_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PEMD9 NXP-PEMD9 Datasheet
149Kb / 9P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 15
logo
Nexperia B.V. All right...
PEMD9 NEXPERIA-PEMD9 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 6 - 22 November 2011
PEMD9 NEXPERIA-PEMD9 Datasheet
920Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 3 - 22 November 2011
More results

Similar Description - PEMD9_PUMD9_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD9 NEXPERIA-PEMD9 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 6 - 22 November 2011
logo
NXP Semiconductors
PEMD12_PUMD12 PHILIPS-PEMD12_PUMD12_15 Datasheet
965Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 4-21 November 2011
logo
Nexperia B.V. All right...
PEMD12 NEXPERIA-PEMD12 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 4 - 21 November 2011
logo
NXP Semiconductors
PQMD12 NXP-PQMD12 Datasheet
207Kb / 13P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
24 July 2013
logo
Nexperia B.V. All right...
PDTA114Y_SER NEXPERIA-PDTA114Y_SER Datasheet
863Kb / 18P
   PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 5 - 18 November 2011
PEMB9 NEXPERIA-PEMB9_V01 Datasheet
920Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 3 - 22 November 2011
PDTA144E_SER NEXPERIA-PDTA144E_SER Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 8 - 14 November 2011
PDTC114Y_SER NEXPERIA-PDTC114Y_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 7 - 18 November 2011
logo
NXP Semiconductors
PDTC144E PHILIPS-PDTC144E_15 Datasheet
760Kb / 17P
   NPN resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 9-15 November 2011
logo
Nexperia B.V. All right...
PDTC144E_SER NEXPERIA-PDTC144E_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com