Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD13_PUMD13 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PEMD13_PUMD13
Description  NPN/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD13_PUMD13 Datasheet(HTML) 1 Page - NXP Semiconductors

  PEMD13_PUMD13_15 Datasheet HTML 1Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 2Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 3Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 4Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 5Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 6Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 7Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 8Page - NXP Semiconductors PEMD13_PUMD13_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
Product profile
1.1 General description
NPN/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted
Device (SMD) plastic packages.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PEMD13; PUMD13
NPN/PNP resistor-equipped transistors;
R1 = 4.7 k
, R2 = 47 k
Rev. 3 — 7 December 2011
Product data sheet
Table 1.
Product overview
Type number
Package
PNP/PNP
complement
NPN/NPN
complement
Package
configuration
NXP
JEITA
PEMD13
SOT666
-
PEMB13
PEMH13
ultra small and flat
lead
PUMD13
SOT363
SC-88
PUMB13
PUMH13
very small
100 mA output current capability
Reduces component count
Built-in bias resistors
Reduces pick and place costs
Simplifies circuit design
AEC-Q101 qualified
Low current peripheral driver
Control of IC inputs
Replaces general-purpose transistors in digital applications
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor (TR2) with negative polarity
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
3.3
4.7
6.1
k
R2/R1
bias resistor ratio
8
10
12


Similar Part No. - PEMD13_PUMD13_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD13 NEXPERIA-PEMD13_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 3 - 7 December 2011
More results

Similar Description - PEMD13_PUMD13_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD13 NEXPERIA-PEMD13_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 3 - 7 December 2011
logo
NXP Semiconductors
PDTC143Z PHILIPS-PDTC143Z_15 Datasheet
750Kb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 8-5 December 2011
logo
Nexperia B.V. All right...
PDTC143Z_SER NEXPERIA-PDTC143Z_SER Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 8 - 5 December 2011
PDTA143Z_SER NEXPERIA-PDTA143Z_SER Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 7 - 5 December 2011
logo
NXP Semiconductors
PEMB13_PUMB13 PHILIPS-PEMB13_PUMB13_15 Datasheet
626Kb / 14P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 4-7 December 2011
logo
Nexperia B.V. All right...
PEMB13 NEXPERIA-PEMB13 Datasheet
915Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 4 - 7 December 2011
logo
NXP Semiconductors
PEMH13_PUMH13 PHILIPS-PEMH13_PUMH13_15 Datasheet
623Kb / 14P
   NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 47 k?
Rev. 4-6 December 2011
PEMD12_PUMD12 PHILIPS-PEMD12_PUMD12_15 Datasheet
965Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 4-21 November 2011
logo
Nexperia B.V. All right...
PEMD12 NEXPERIA-PEMD12 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 4 - 21 November 2011
logo
NXP Semiconductors
PEMD15_PUMD15 PHILIPS-PEMD15_PUMD15_15 Datasheet
918Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Rev. 4-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com