Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6064 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6064
Description  Single Pole Double Throw Relay Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6064 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6064 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6064 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6064 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6064 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
The PE71S6064 is a SINGLE POLE DOUBLE THROW TERMINATED RF COAXIAL RELAY SWITCH that operates from DC
TO 40 GHz. The Switch has a 28 VDC LATCHING ACTUATOR and POSITION INDICATOR CIRCUITRY. The Switch has
2.92mm RF CONNECTORS and operates from -40 Deg C to +85 Deg C.
Features
• Single Pole Double Throw Relay Switch
• DC to 40 GHz Frequency Range
• 2M Operating Life
• 10 Watt Avg Power Min
• -40 to +85 Deg C Operating Temperature
• Insertion Loss 0.8 dB Max
• VSWR 1.9:1 Max
Applications
• High Performance Relay Switch
• Military Communications
• Communications Systems
• Test & Measurement
Electrical Specifications
Frequency Range
DC to 40 GHz
Impedance
50 Ohms
Actuator
Indicators, Latching, Normally Open
Actuating Current
160 mA
Control Voltage
28 Volts
Indicator Rating
1 Watts / 30 Volts / 100 mA
Self Cut-Off Time
40 ms < CT < 120 ms
TTL Inputs (E): - High Level
2.2 to 5.5 Volts / 0.8 mA at 5.5 Volts
- Low Level
0 to 0.8 Volts / 0.02 mA at 0.8 Volts
RF Characteristic
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Frequency Range
DC to 6
6 to 12.4
12.4 to 18
18 to 26.5
26.5 to 40
GHz
VSWR
1.3:1
1.4:1
1.5:1
1.7:1
1.9:1
Insertion Loss
0.3
0.4
0.5
0.7
0.8
dB
Isolation
70
60
60
55
50
dB
Average Power @25 °C
80
60
50
20
10
Watts
.
Mechanical Specifications
Connector Type
2.92mm Female
Operating Life
2,000,000
Terminals
Solder Pins
Switching Time (nominal voltage, 25°C)
<10 ms Typ
Construction
Splashproof
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Terminated Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 80 Watts, 28V
Control, 30V Indicator, Latching, Normally Open PE71S6064
PE71S6064
PE71S6064 REV 1.0
SPDT Terminated Electromechanical Relay Switch
DC to 40 GHz, 2.92mm, 80 Watts, 28V Control,
30V Indicator, Latching, Normally Open


Similar Part No. - PE71S6064

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6060 PASTERNACK-PE71S6060 Datasheet
387Kb / 4P
   Single Pole Three Throw Terminated Relay Switch
PE71S6061 PASTERNACK-PE71S6061 Datasheet
395Kb / 4P
   Transfer Terminated Electromechanical Relay
PE71S6062 PASTERNACK-PE71S6062 Datasheet
397Kb / 4P
   Transfer Terminated Electromechanical Relay Switch DC to 18 GHz, SMA, 240 Watts, 28V Control, 30V Indicator, Latching, Normally Open
PE71S6063 PASTERNACK-PE71S6063 Datasheet
393Kb / 4P
   Double Pole Three Throw Terminated Relay Switch
PE71S6065 PASTERNACK-PE71S6065 Datasheet
389Kb / 4P
   Double Pole Double Throw Relay Switch
More results

Similar Description - PE71S6064

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6053 PASTERNACK-PE71S6053 Datasheet
384Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6056 PASTERNACK-PE71S6056 Datasheet
394Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6052 PASTERNACK-PE71S6052 Datasheet
382Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6055 PASTERNACK-PE71S6055 Datasheet
393Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6057 PASTERNACK-PE71S6057 Datasheet
394Kb / 4P
   Single Pole Double Throw Relay Switch
PE71S6092 PASTERNACK-PE71S6092 Datasheet
458Kb / 6P
   Single Pole Double Throw SMT Relay Switch
PE71S6066 PASTERNACK-PE71S6066 Datasheet
388Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6071 PASTERNACK-PE71S6071 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6068 PASTERNACK-PE71S6068 Datasheet
402Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6067 PASTERNACK-PE71S6067 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com