Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS7434-7PPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS7434-7PPBF
Description  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7434-7PPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS7434-7PPBF Datasheet HTML 1Page - International Rectifier IRFS7434-7PPBF Datasheet HTML 2Page - International Rectifier IRFS7434-7PPBF Datasheet HTML 3Page - International Rectifier IRFS7434-7PPBF Datasheet HTML 4Page - International Rectifier IRFS7434-7PPBF Datasheet HTML 5Page - International Rectifier IRFS7434-7PPBF Datasheet HTML 6Page - International Rectifier IRFS7434-7PPBF Datasheet HTML 7Page - International Rectifier IRFS7434-7PPBF Datasheet HTML 8Page - International Rectifier IRFS7434-7PPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
StrongIRFET™
IRFS7434-7PPbF
HEXFET® Power MOSFET
D
S
G
G
D
S
Gate
Drain
Source
Application
 Brushed Motor drive applications
 BLDC Motor drive applications

Battery powered circuits
Half-bridge and full-bridge topologies
Synchronous rectifier applications
Resonant mode power supplies
OR-ing and redundant power switches
DC/DC and AC/DC converters
DC/AC Inverters
Benefits
 Improved Gate, Avalanche and Dynamic dV/dt Ruggedness
 Fully Characterized Capacitance and Avalanche SOA
 Enhanced body diode dV/dt and dI/dt Capability
 Lead-Free, RoHS Compliant
Base part number
Package Type
Standard Pack
Form
Quantity
IRFS7434-7PPbF
D2Pak-7Pin
Tube
50
IRFS7434-7PPbF
Tape and Reel Left
800
IRFS7434TRL7PP
Orderable Part Number
VDSS
40V
RDS(on) typ.
0.70m

max
1.0m

ID (Silicon Limited)
362A
ID (Package Limited)
240A
 
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Maximum Drain Current vs. Case Temperature
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ID = 100A
TJ = 25°C
TJ = 125°C
25
50
75
100
125
150
TC , Case Temperature (°C)
0
50
100
150
200
250
300
350
400
Limited By Package
1
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 19, 2014


Similar Part No. - IRFS7434-7PPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS7434-7PPBF IRF-IRFS7434-7PPBF Datasheet
304Kb / 11P
   Brushed Motor drive applications
More results

Similar Description - IRFS7434-7PPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com