Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMB1_PUMB1 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PEMB1_PUMB1
Description  PNP/PNP resistor-equipped transistors R1 = 22 k?? R2 = 22 k?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMB1_PUMB1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PEMB1_PUMB1_15 Datasheet HTML 5Page - NXP Semiconductors PEMB1_PUMB1_15 Datasheet HTML 6Page - NXP Semiconductors PEMB1_PUMB1_15 Datasheet HTML 7Page - NXP Semiconductors PEMB1_PUMB1_15 Datasheet HTML 8Page - NXP Semiconductors PEMB1_PUMB1_15 Datasheet HTML 9Page - NXP Semiconductors PEMB1_PUMB1_15 Datasheet HTML 10Page - NXP Semiconductors PEMB1_PUMB1_15 Datasheet HTML 11Page - NXP Semiconductors PEMB1_PUMB1_15 Datasheet HTML 12Page - NXP Semiconductors PEMB1_PUMB1_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PEMB1_PUMB1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 28 November 2011
9 of 14
NXP Semiconductors
PEMB1; PUMB1
PNP/PNP resistor-equipped transistors; R1 = 22 k
, R2 = 22 k
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
11. Soldering
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type
number
Package Description
Packing quantity
3000
4000
8000
10000
PEMB1
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
PUMB1
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-
-165
Reflow soldering is the only recommended soldering method.
Fig 12. Reflow soldering footprint PEMB1 (SOT666)
solder lands
placement area
occupied area
solder paste
sot666_fr
2.75
2.45
2.1
1.6
0.4
(6
×)
0.55
(2
×)
0.25
(2
×)
0.6
(2
×)
0.65
(2
×)
0.3
(2
×)
0.325
(4
×)
0.45
(4
×)
0.5
(4
×)
0.375
(4
×)
1.7
2
1.7
1.075
0.538
Dimensions in mm


Similar Part No. - PEMB1_PUMB1_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10 PHILIPS-PEMB10 Datasheet
45Kb / 8P
   PNP resistor-equipped double transistor R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 14
PEMB10 NXP-PEMB10 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PEMB10 NEXPERIA-PEMB10 Datasheet
917Kb / 16P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 3 - 3 January 2012
PEMB10 NEXPERIA-PEMB10 Datasheet
917Kb / 16P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 3 - 3 January 2012
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results

Similar Description - PEMB1_PUMB1_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMB1 NEXPERIA-PEMB1 Datasheet
919Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 3 - 28 November 2011
PDTA124E_SER NEXPERIA-PDTA124E_SER Datasheet
1Mb / 18P
   PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 25 November 2011
PEMD2 NEXPERIA-PEMD2_V01 Datasheet
1Mb / 19P
   NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 14 November 2013
logo
NXP Semiconductors
PEMD2_PIMD2_PUMD2 PHILIPS-PEMD2_PIMD2_PUMD2_15 Datasheet
991Kb / 18P
   NPN/PNP resistor-equipped transistors; R1 = 22 k?? R2 = 22 k?
Rev. 8-14 November 2013
PEMB1 NXP-PEMB1 Datasheet
143Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2003 Oct 15
PDTA124E NXP-PDTA124E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PEMD16 NEXPERIA-PEMD16_V01 Datasheet
125Kb / 11P
   NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 47 k
Rev. 3 - 28 June 2011
logo
NXP Semiconductors
PEMD16_PUMD16 PHILIPS-PEMD16_PUMD16_15 Datasheet
126Kb / 11P
   NPN/PNP resistor-equipped transistors R1 = 22 k?? R2 = 47 k?
Rev. 3-28 June 2011
logo
Nexperia B.V. All right...
PQMD2 NEXPERIA-PQMD2 Datasheet
735Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 22 k廓
logo
NXP Semiconductors
PEMB17 PHILIPS-PEMB17 Datasheet
59Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
Rev. 02-3 February 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com