Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS7530-7PPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFS7530-7PPBF
Description  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7530-7PPBF Datasheet(HTML) 4 Page - International Rectifier

  IRFS7530-7PPBF Datasheet HTML 1Page - International Rectifier IRFS7530-7PPBF Datasheet HTML 2Page - International Rectifier IRFS7530-7PPBF Datasheet HTML 3Page - International Rectifier IRFS7530-7PPBF Datasheet HTML 4Page - International Rectifier IRFS7530-7PPBF Datasheet HTML 5Page - International Rectifier IRFS7530-7PPBF Datasheet HTML 6Page - International Rectifier IRFS7530-7PPBF Datasheet HTML 7Page - International Rectifier IRFS7530-7PPBF Datasheet HTML 8Page - International Rectifier IRFS7530-7PPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 5, 2015
 
IRFS7530-7PPbF
Fig 6. Normalized On-Resistance vs. Temperature
Fig 5. Typical Transfer Characteristics
Fig 4. Typical Output Characteristics
Fig 3. Typical Output Characteristics
Fig 8. Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 7. Typical Capacitance vs.
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
 60µs PULSE WIDTH
Tj = 25°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
 60µs PULSE WIDTH
Tj = 175°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
2.0
4.0
6.0
8.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
10000
VDS = 25V
 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 100A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
1000000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
50
100
150
200
250
300
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= 48V
VDS= 30V
VDS= 12V
ID= 100A


Similar Part No. - IRFS7530-7PPBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFS7530 ISC-IRFS7530 Datasheet
244Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFS7530PBF IRF-IRFS7530PBF Datasheet
661Kb / 13P
   Brushed Motor drive applications
IRFS7530PbF IRF-IRFS7530PbF Datasheet
661Kb / 13P
   Brushed Motor drive applications
IRFS7530PBF IRF-IRFS7530PBF_15 Datasheet
661Kb / 13P
   Brushed Motor drive applications
More results

Similar Description - IRFS7530-7PPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com