Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP121AMX173TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP121AMX173TCG
Description  High Accuracy Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP121AMX173TCG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP121AMX173TCG Datasheet HTML 1Page - ON Semiconductor NCP121AMX173TCG Datasheet HTML 2Page - ON Semiconductor NCP121AMX173TCG Datasheet HTML 3Page - ON Semiconductor NCP121AMX173TCG Datasheet HTML 4Page - ON Semiconductor NCP121AMX173TCG Datasheet HTML 5Page - ON Semiconductor NCP121AMX173TCG Datasheet HTML 6Page - ON Semiconductor NCP121AMX173TCG Datasheet HTML 7Page - ON Semiconductor NCP121AMX173TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCP121
www.onsemi.com
4
APPLICATIONS INFORMATION
IN
EN
FB
LX
GND
Processor
I/O
BIAS
IN
OUT
GND
NCP121
LOAD
VBAT
2.6 V − 4.2 V
.
1.2 V
1.05 V
To other circuits
I/O
EN
Figure 3. Typical Application: Low−Voltage Post−Regulator with ON/OFF functionality
DC/DC
1.2 V VOUT(NOM)


Similar Part No. - NCP121AMX173TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP121AMX173TCG ONSEMI-NCP121AMX173TCG Datasheet
136Kb / 8P
   150 mA, High Accuracy, Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 0
More results

Similar Description - NCP121AMX173TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP121 ONSEMI-NCP121 Datasheet
136Kb / 8P
   150 mA, High Accuracy, Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 0
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com