Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP160AFCS320T2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP160AFCS320T2G
Description  250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP160AFCS320T2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP160AFCS320T2G Datasheet HTML 1Page - ON Semiconductor NCP160AFCS320T2G Datasheet HTML 2Page - ON Semiconductor NCP160AFCS320T2G Datasheet HTML 3Page - ON Semiconductor NCP160AFCS320T2G Datasheet HTML 4Page - ON Semiconductor NCP160AFCS320T2G Datasheet HTML 5Page - ON Semiconductor NCP160AFCS320T2G Datasheet HTML 6Page - ON Semiconductor NCP160AFCS320T2G Datasheet HTML 7Page - ON Semiconductor NCP160AFCS320T2G Datasheet HTML 8Page - ON Semiconductor NCP160AFCS320T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2015 − Rev. 6
1
Publication Order Number:
NCP160/D
NCP160
250 mA, Ultra-Low Noise
and High PSRR LDO
Regulator for RF and
Analog Circuits
The NCP160 is a linear regulator capable of supplying 250 mA
output current. Designed to meet the requirements of RF and analog
circuits, the NCP160 device provides low noise, high PSRR, low
quiescent current, and very good load/line transients. The device is
designed to work with a 1
mF input and a 1 mF output ceramic
capacitor. It is available in two thickness ultra−small 0.35P, 0.65 mm x
0.65 mm Chip Scale Package (CSP) and XDFN−4 0.65P, 1 mm x
1 mm.
Features
Operating Input Voltage Range: 1.9 V to 5.5 V
Available in Fixed Voltage Option: 1.8 V to 5.14 V
±2% Accuracy Over Load/Temperature
Ultra Low Quiescent Current Typ. 18 mA
Standby Current: Typ. 0.1 mA
Very Low Dropout: 80 mV at 250 mA
Ultra High PSRR: Typ. 98 dB at 20 mA, f = 1 kHz
Ultra Low Noise: 10 mVRMS
Stable with a 1 mF Small Case Size Ceramic Capacitors
Available in −WLCSP4 0.65 mm x 0.65 mm x 0.4 mm CASE 567KA
−WLCSP4 0.65 mm x 0.65 mm x 0.33 mm CASE 567JZ
−XDFN4 1 mm x 1 mm x 0.4 mm
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Battery−powered Equipment
Wireless LAN Devices
Smartphones, Tablets
Cameras, DVRs, STB and Camcorders
IN
EN
GND
OUT
OFF
ON
Figure 1. Typical Application Schematics
VOUT
COUT
1
mF
Ceramic
VIN
NCP160
CIN
1
mF
Ceramic
WLCSP4
CASE 567KA
MARKING
DIAGRAMS
www.onsemi.com
X or XX = Specific Device Code
M
= Date Code
See detailed ordering and shipping information on page 16 of
this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
XDFN4
CASE 711AJ
A1
A2
B1
B2
IN
OUT
EN
GND
(Top View)
(Top View)
WLCSP4
CASE 567JZ
A1
X
1
XX M
1
A1
X


Similar Part No. - NCP160AFCS320T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1600 ONSEMI-NCP1600 Datasheet
396Kb / 23P
   High Voltage PFC Controller
July, 2006 ??Rev. 2
NCP1601 ONSEMI-NCP1601 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1601 ONSEMI-NCP1601 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1601A ONSEMI-NCP1601A Datasheet
160Kb / 18P
   Compact Fixed Frequency Discontinuous or Critical Conduction Voltage Mode Power Factor Correction Controller
December, 2005 ??Rev. 4
NCP1601ADR2 ONSEMI-NCP1601ADR2 Datasheet
160Kb / 18P
   Compact Fixed Frequency Discontinuous or Critical Conduction Voltage Mode Power Factor Correction Controller
December, 2005 ??Rev. 4
More results

Similar Description - NCP160AFCS320T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP161 ONSEMI-NCP161 Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
NCV8165 ONSEMI-NCV8165 Datasheet
328Kb / 10P
   LDO Regulator for RF and Analog Circuits - Ultra-Low Noise and High PSRR 500 mA
September, 2019 ??Rev. 1
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
   LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
[Old version datasheet]   ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ON Semiconductor
NCP161 ONSEMI-NCP161_16 Datasheet
731Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7
NCP148 ONSEMI-NCP148 Datasheet
578Kb / 12P
   Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
June, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com