Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP114BMX280TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP114BMX280TCG
Description  300 mA CMOS Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP114BMX280TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP114BMX280TCG Datasheet HTML 1Page - ON Semiconductor NCP114BMX280TCG Datasheet HTML 2Page - ON Semiconductor NCP114BMX280TCG Datasheet HTML 3Page - ON Semiconductor NCP114BMX280TCG Datasheet HTML 4Page - ON Semiconductor NCP114BMX280TCG Datasheet HTML 5Page - ON Semiconductor NCP114BMX280TCG Datasheet HTML 6Page - ON Semiconductor NCP114BMX280TCG Datasheet HTML 7Page - ON Semiconductor NCP114BMX280TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCP121
www.onsemi.com
2
EN
CURRENT
LIMIT
THERMAL
LIMIT
UVLO
+
VOLTAGE
REFERENCE
IN
BIAS
GND
OUT
*Active
DISCHARGE
ENABLE
BLOCK
*Active output discharge function is present only in NCP121AMXyyyTCG devices.
yyy denotes the particular output voltage option.
Figure 2. Simplified Schematic Block Diagram
150
W
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
OUT
Regulated Output Voltage pin
2
N/C
Not internally connected
3
EN
Enable pin. Driving this pin high enables the regulator. Driving this pin low puts the regulator into shutdown mode.
4
BIAS
Bias voltage supply for internal control circuits. This pin is monitored by internal Under-Voltage Lockout Circuit.
5
GND
Ground pin
6
IN
Input Voltage Supply pin
Pad
Should be soldered to the ground plane for increased thermal performance.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 to 6
V
Output Voltage
VOUT
−0.3 to (VIN+0.3) ≤ 6
V
Chip Enable and Bias Input
VEN, VBIAS
−0.3 to 6
V
Output Short Circuit Duration
tSC
unlimited
s
Maximum Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection (except OUT pin) and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114
ESD Machine Model tested per EIA/JESD22−A115
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN6 1.2 mm x 1.2 mm Thermal Resistance, Junction−to−Air
RqJA
170
°C/W


Similar Part No. - NCP114BMX280TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114BMX280TCG ONSEMI-NCP114BMX280TCG Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
NCP114BMX280TCG ONSEMI-NCP114BMX280TCG Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
More results

Similar Description - NCP114BMX280TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCP114 ONSEMI-NCP114_16 Datasheet
800Kb / 17P
   300 mA CMOS Low Dropout Regulator
June, 2016 ??Rev. 21
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com