Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP170BXV330T2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP170BXV330T2G
Description  Ultra?륧ow IQ 150 mA CMOS LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP170BXV330T2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP170BXV330T2G Datasheet HTML 5Page - ON Semiconductor NCP170BXV330T2G Datasheet HTML 6Page - ON Semiconductor NCP170BXV330T2G Datasheet HTML 7Page - ON Semiconductor NCP170BXV330T2G Datasheet HTML 8Page - ON Semiconductor NCP170BXV330T2G Datasheet HTML 9Page - ON Semiconductor NCP170BXV330T2G Datasheet HTML 10Page - ON Semiconductor NCP170BXV330T2G Datasheet HTML 11Page - ON Semiconductor NCP170BXV330T2G Datasheet HTML 12Page - ON Semiconductor NCP170BXV330T2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCP170
www.onsemi.com
9
ELECTRICAL CHARACTERISTICS − VOLTAGE VERSION 3.3 V
(−40
°C ≤ TJ ≤ 85°C; VIN = 4.3 V; IOUT = 1 mA, CIN = COUT = 1.0 mF, unless otherwise noted. Typical values are at TA = +25°C.) (Note 27)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Operating Input Voltage
2.2
5.5
V
VOUT
Output Voltage
TA = +25°C
3.267
3.3
3.333
V
−40
°C ≤ TJ ≤ 85°C
3.234
3.3
3.366
LineReg
Line Regulation
4.3 V < VIN ≤ 5.5 V, IOUT = 1 mA
0.05
0.20
%/V
LoadReg
Load Regulation
0 mA < IOUT ≤ 150 mA, VIN = 4.3 V
−20
1
20
mV
VDO
Dropout Voltage
IOUT = 150 mA (Note 28)
180
250
mV
IOUT
Output Current
(Note 29)
150
mA
ISC
Short Circuit Current Limit
VOUT = 0 V
195
mA
IQ
Quiescent Current
IOUT = 0 mA
0.5
0.9
mA
ISTB
Standby Current
VEN = 0 V, TJ = 25°C
0.1
0.5
mA
VENH
EN Pin Threshold Voltage
EN Input Voltage “H”
1.2
V
VENL
EN Pin Threshold Voltage
EN Input Voltage “L”
0.4
V
IEN
EN Pull Down Current
VEN ≤ VIN ≤ 5.5 V (Note 30)
10
nA
PSRR
Power Supply Rejection Ratio
f = 1 kHz, VIN = 4.3 V + 200 mVpp Modulation
IOUT = 150 mA
41
dB
VNOISE
Output Noise Voltage
VIN = 5.5 V, IOUT = 1 mA
f = 100 Hz to 1 MHz, COUT = 1 mF
125
mVrms
RLOW
Active Output Discharge
Resistance (A option only)
VIN = 5.5 V, VEN = 0 V (Note 30)
100
W
TSD
Thermal Shutdown Temperature
Temperature Increasing from TJ = +25°C
(Note 30)
175
°C
TSDH
Thermal Shutdown Hysteresis
Temperature Falling from TSD (Note 30)
25
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
27. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at
TJ =TA =25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
28. Characterized when VOUT falls 99 mV below the regulated voltage and only for devices with VOUT = 3.3 V.
29. Respect SOA.
30. Guaranteed by design and characterization.
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage vs. Temperature,
Vout = 1.2 V
Figure 4. Output Voltage vs. Temperature,
Vout = 1.8 V
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
1.190
1.192
1.194
1.196
1.198
1.200
1.202
80
60
40
20
0
−20
−40
1.790
1.792
1.794
1.796
1.798
1.800
1.802
Vin = 5.5 V
Vin = 3.0 V
Vin = 2.2 V
Vin = 5.5 V
Vin = 3.5 V
Vin = 2.8 V
NCP170xxx120TyG
Cin = Cout = 1
mF
Iout = 1 mA
NCP170xxx180TyG
Cin = Cout = 1
mF
Iout = 1 mA


Similar Part No. - NCP170BXV330T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP170BXV330T2G ONSEMI-NCP170BXV330T2G Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
More results

Similar Description - NCP170BXV330T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com