Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC20FDPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4BC20FDPBF
Description  OPTIMIZED FOR MEDIUM OPERATING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20FDPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRG4BC20FDPBF Datasheet HTML 2Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 3Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 4Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 5Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 6Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 7Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 8Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 9Page - International Rectifier IRG4BC20FDPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRG4BC20FDPbF
6
www.irf.com
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
0.1
1
10
100
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
Fig. 11 - Typical Switching Losses vs.
Collector-to-EmitterCurrent
Fig. 12 - Turn-Off SOA
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I , Collector-to-emitter Current (A)
C
R
= 50Ohm
T
= 150 C
V
= 480V
V
= 15V
G
J
CC
GE
°
1
10
100
1
10
100
1000
V
= 20V
T
= 125 C
GE
J
o
V
, Collector-to-Emitter Voltage (V)
CE
SAFE OPERATING AREA


Similar Part No. - IRG4BC20FDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20FDPBF IRF-IRG4BC20FDPBF Datasheet
318Kb / 11P
   INSULATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFR RECOVERY DIODE
More results

Similar Description - IRG4BC20FDPBF

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11021 LEDIL-CA11021 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Nichia NCSxx19.
CA11976 LEDIL-CA11976 Datasheet
4Mb / 5P
   ~30째 medium beam optimized for Nichia 19.
CA11174 LEDIL-CA11174_18 Datasheet
3Mb / 6P
   ~30째 medium beam optimized for Nichia NS6x83.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel
FA10647 LEDIL-FA10647_18 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Nichia NS6x83.
CP12679 LEDIL-CP12679 Datasheet
2Mb / 4P
   ~30째 medium beam optimized
CP12672 LEDIL-CP12672 Datasheet
2Mb / 4P
   ~30째 medium beam optimized
CP12819 LEDIL-CP12819 Datasheet
1Mb / 4P
   ~25째 medium beam optimized
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon
CA11837 LEDIL-CA11837 Datasheet
2Mb / 10P
   ~30째 medium beam optimized for CREE XP-E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com