Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP186AMX300TAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP186AMX300TAG
Description  Fast Transient Response Low Voltage 1 A LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP186AMX300TAG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP186AMX300TAG Datasheet HTML 1Page - ON Semiconductor NCP186AMX300TAG Datasheet HTML 2Page - ON Semiconductor NCP186AMX300TAG Datasheet HTML 3Page - ON Semiconductor NCP186AMX300TAG Datasheet HTML 4Page - ON Semiconductor NCP186AMX300TAG Datasheet HTML 5Page - ON Semiconductor NCP186AMX300TAG Datasheet HTML 6Page - ON Semiconductor NCP186AMX300TAG Datasheet HTML 7Page - ON Semiconductor NCP186AMX300TAG Datasheet HTML 8Page - ON Semiconductor NCP186AMX300TAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCP186
www.onsemi.com
5
TYPICAL CHARACTERISTICS
VIN = VOUT−NOM + 0.5 V or VIN = 1.8 V, whichever is greater, VEN = 1.2 V, IOUT = 1 mA, CIN = COUT = 1.0 mF, TJ = 25°C.
Figure 3. Output Voltage vs. Temperature
Figure 4. Output Voltage vs. Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
120
60
40
20
0
−20
−40
1.176
1.179
1.182
1.191
1.203
1.206
1.212
80
60
40
20
0
−20
−40
1.764
1.769
1.784
1.789
1.794
Figure 5. Output Voltage vs. Temperature
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
3.234
3.244
3.264
3.274
3.284
3.324
1.185
1.188
1.200
1.209
VOUT−NOM = 1.2 V
VOUT−NOM = 1.8 V
1.774
1.799
1.804
1.814
3.254
3.294
3.304
3.314
VOUT−NOM = 3.3 V
Figure 6. Output Voltage vs. Temperature
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
3.822
3.832
3.852
3.872
3.882
3.922
3.932
3.842
3.892
3.902
3.912
VOUT−NOM = 3.9 V
Figure 7. Line Regulation vs. Temperature
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
−0.10
−0.08
−0.04
−0.02
0
0.02
0.04
0.10
−0.06
0.06
0.08
VIN = VOUT−NOM + 0.5 V to 5.0 V, VIN ≥ 1.8 V
VOUT−NOM = 1.2 V
VOUT−NOM = 1.8 V
VOUT−NOM = 3.3 V
VOUT−NOM = 3.9 V
Figure 8. Load Regulation vs. Temperature
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
−5
−4
−2
−1
0
1
4
5
−3
2
3
IOUT = 1 mA to 1000 mA
80
100
1.194
1.197
100
120
1.779
1.809
100
120
100
120
3.862
100
120
VOUT−NOM = 1.2 V
VOUT−NOM = 1.8 V
VOUT−NOM = 3.3 V
VOUT−NOM = 3.9 V
100
120


Similar Part No. - NCP186AMX300TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800 ONSEMI-NCP1800 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
NCP1800DM41 ONSEMI-NCP1800DM41 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41R2 ONSEMI-NCP1800DM41R2 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41R2 ONSEMI-NCP1800DM41R2 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
More results

Similar Description - NCP186AMX300TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Texas Instruments
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
logo
ON Semiconductor
NCP176 ONSEMI-NCP176 Datasheet
256Kb / 11P
   Fast Transient Response Low Voltage 500 mA LDO
July, 2015 ??Rev. 3
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com