Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP186BMX330TAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP186BMX330TAG
Description  Fast Transient Response Low Voltage 1 A LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP186BMX330TAG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP186BMX330TAG Datasheet HTML 2Page - ON Semiconductor NCP186BMX330TAG Datasheet HTML 3Page - ON Semiconductor NCP186BMX330TAG Datasheet HTML 4Page - ON Semiconductor NCP186BMX330TAG Datasheet HTML 5Page - ON Semiconductor NCP186BMX330TAG Datasheet HTML 6Page - ON Semiconductor NCP186BMX330TAG Datasheet HTML 7Page - ON Semiconductor NCP186BMX330TAG Datasheet HTML 8Page - ON Semiconductor NCP186BMX330TAG Datasheet HTML 9Page - ON Semiconductor NCP186BMX330TAG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCP186
www.onsemi.com
6
TYPICAL CHARACTERISTICS
VIN = VOUT−NOM + 0.5 V or VIN = 1.8 V, whichever is greater, VEN = 1.2 V, IOUT = 1 mA, CIN = COUT = 1.0 mF, TJ = 25°C.
Figure 9. Dropout Voltage vs. Output Current
Figure 10. Dropout Voltage vs. Temperature
OUTPUT CURRENT (mA)
TEMPERATURE (
°C)
1000
800
600
400
200
0
0
25
50
125
150
200
225
275
80
60
40
20
0
−20
−40
0
25
75
100
150
275
Figure 11. Dropout Voltage vs. Output Current
Figure 12. Dropout Voltage vs. Temperature
OUTPUT CURRENT (mA)
TEMPERATURE (
°C)
1000
800
600
400
200
0
0
20
40
60
80
140
80
60
40
20
0
−20
−40
0
20
40
60
80
100
Figure 13. Ground Current vs. Output Current
OUTPUT CURRENT (mA)
1000
800
600
400
200
0
0
50
100
150
250
300
400
450
75
100
175
250
VOUT−NOM = 1.8 V
VOUT−NOM = 1.8 V
50
175
200
225
100
120
120
140
200
350
TJ = 125°C
TJ = 25°C
TJ = −40°C
125
250
VOUT−NOM = 3.3 V
TJ = 25°C
TJ = −40°C
VOUT−NOM = 3.3 V
IOUT = 10 mA
IOUT = 200 mA
IOUT = 500 mA
IOUT = 1000 mA
IOUT = 10 mA
IOUT = 200 mA
IOUT = 500 mA
IOUT = 1000 mA
100
120
Figure 14. Quiescent Current vs. Temperature
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
60
70
80
90
100
110
120
IOUT = 0 mA
TJ = 125°C
100
120
VOUT−NOM = 1.8 V
TJ = 25°C
TJ = −40°C
TJ = 125°C
100
120
VOUT−NOM = 1.2 V
VOUT−NOM = 1.8 V
VOUT−NOM = 3.3 V
VOUT−NOM = 3.9 V


Similar Part No. - NCP186BMX330TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800 ONSEMI-NCP1800 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
NCP1800DM41 ONSEMI-NCP1800DM41 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41R2 ONSEMI-NCP1800DM41R2 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41R2 ONSEMI-NCP1800DM41R2 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
More results

Similar Description - NCP186BMX330TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Texas Instruments
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
logo
ON Semiconductor
NCP176 ONSEMI-NCP176 Datasheet
256Kb / 11P
   Fast Transient Response Low Voltage 500 mA LDO
July, 2015 ??Rev. 3
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com