Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP785A Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP785A
Description  Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP785A Datasheet(HTML) 5 Page - ON Semiconductor

  NCP785A Datasheet HTML 1Page - ON Semiconductor NCP785A Datasheet HTML 2Page - ON Semiconductor NCP785A Datasheet HTML 3Page - ON Semiconductor NCP785A Datasheet HTML 4Page - ON Semiconductor NCP785A Datasheet HTML 5Page - ON Semiconductor NCP785A Datasheet HTML 6Page - ON Semiconductor NCP785A Datasheet HTML 7Page - ON Semiconductor NCP785A Datasheet HTML 8Page - ON Semiconductor NCP785A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCP785A
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage vs. Temperature
Figure 4. Output Voltage vs. Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
3.304
3.305
3.306
3.307
3.308
3.309
3.310
80
60
40
20
0
−20
−40
5.030
5.035
5.040
5.045
5.050
5.055
Figure 5. Output Voltage vs. Temperature
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
11.95
11.96
11.97
11.99
12.00
11.98
VIN = 250 V
VIN = 350 V
VIN = 450 V
CIN = 2.2 mF
COUT = 22 mF
IOUT = 100 mA
NCP785AH33T1G
VIN = 50 V
VIN = 100 V − 450 V
CIN = 2.2 mF
COUT = 22 mF
IOUT = 100 mA
NCP785AH50T1G
VIN = 250 V
VIN = 350 V
VIN = 450 V
CIN = 2.2 mF
COUT = 22 mF
IOUT = 100 mA
NCP785AH12T1G
VIN = 150 V
VIN = 50 V
Figure 6. Output Voltage vs. Temperature
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
15.015
15.020
15.025
15.035
15.040
15.050
15.055
15.060
15.030
15.045
VIN = 250 V
VIN = 350 V
VIN = 450 V
CIN = 2.2 mF
COUT = 22 mF
IOUT = 100 mA
NCP785A150T1G
VIN = 150 V
VIN = 60 V
Figure 7. Output Voltage vs. Input Voltage
INPUT VOLTAGE (V)
400
300
250
200
150
100
50
0
3.3082
3.3083
3.3084
3.3085
3.3086
3.3087
3.3088
Figure 8. Output Voltage vs. Input Voltage
INPUT VOLTAGE (V)
400
350
300
250
200
150
100
50
5.0425
5.0435
5.0445
5.0455
5.0465
5.0475
5.0485
450
350
450
CIN = 2.2 mF
COUT = 22 mF
IOUT = 100 mA
NCP785AH33T1G
CIN = 2.2 mF
COUT = 22 mF
TA = 25°C
IOUT = 100 mA
NCP785AH50T1G


Similar Part No. - NCP785A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP785AH120T1G ONSEMI-NCP785AH120T1G Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP785AH150T1G ONSEMI-NCP785AH150T1G Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP785AH33T1G ONSEMI-NCP785AH33T1G Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP785AH50T1G ONSEMI-NCP785AH50T1G Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com