Electronic Components Datasheet Search |
|
E30A2CDR Datasheet(PDF) 1 Page - KEC(Korea Electronics) |
|
E30A2CDR Datasheet(HTML) 1 Page - KEC(Korea Electronics) |
|
1 / 1 page 2002. 10. 9 1/1 SEMICONDUCTOR TECHNICAL DATA E30A2CDS, E30A2CDR STACK SILICON DIFFUSED DIODE Revision No : 1 ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION. FEATURES Average Forward Current : IO=30A. Reverse Voltage : 200V(Min) POLARITY E30A2CDS E30A2CDR (+ Type) (- Type) MAXIMUM RATING (Ta=25 ) DIM MILLIMETERS A B C D1 PD 9.5 0.2 8.4 0.2 1.2 R0.5 Φ1.5 5 0.4 G F L1 3.1 0.1 MILLIMETERS DIM E L2 DIM MILLIMETERS TYPE R S POLARITY 23.0 1.0 19.0 1.0 A B E F G + _ + _ + _ + _ + _ + _ ELECTRICAL CHARACTERISTICS (Ta=25 ) CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Peak Forward Voltage VFM IFM=100A - - 1.20 V Reverse Voltage VRM IR=5mA 200 - - V Repetitive Peak Reverse Current IRRM VR=200V - - 50 A Reverse Recovery Time trr IF=-IR 100mA - - 15 S Reverse Leakage Current Under High Temperature HIR Ta=150 , VR=VRM - - 2.5 mA Temperature Resistance Rth Junction to case - 1.0 - /W CHARACTERISTIC SYMBOL RATING UNIT Repetitive Peak Reverse Voltage VRRM 200 V Average Forward Current IF(AV) 30 A Peak 1 Cycle Surge Current IFSM 300 (10ms Condition) A Junction Temperature Tj -40 200 Storage Temperature Range Tstg -40 200 |
Similar Part No. - E30A2CDR |
|
Similar Description - E30A2CDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |