Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM400CD1D5C Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # FM400CD1D5C
Description  2-PACK MOSFET MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

FM400CD1D5C Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  FM400CD1D5C Datasheet HTML 1Page - KEC(Korea Electronics) FM400CD1D5C Datasheet HTML 2Page - KEC(Korea Electronics) FM400CD1D5C Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2013. 9. 13
2/3
FM400CD1D5C
Revision No : 0
ELECTRICAL CHARACTERISTICS (@Tc=25
℃ Per Leg, Unless otherwise noted)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250㎂ , VGS=0V
150
-
-
V
Breakdown Voltage Temperature Coefficient
ΔBV
DSS/ΔTj
ID=5mA, Referenced to 25℃
-
0.17
-
V/
Gate Threshold Voltage
Vth
VDS=VGS, ID=250㎂
3.0
-
5.0
V
Drain to Source Leakage Current
IDSS
VDS=150V, VGS=0V
-
-
80
μA
VDS=150V, VGS=0V, Tj=125℃
-
-
1000
μA
Gate to Source Leakage Current
IGSS
VGS=20V
-
-
400
nA
VGS=-20V
-
-400
nA
Drain to Source ON Resistance
RDS(ON)
VGS=10V, ID=400A
-
2.3
3.2
m
Dynamic
Total Gate Charge
Qg
ID=400A, VDS=75V, VGS=10V
-
600
-
nC
Gate to Source Charge
Qgs
-
200
-
Gate to Source Charge
Qgd
-
220
-
Turn On Delay Time
td(on)
VDS=75V, ID=400A, RG=3.3Ω↓
-
110
-
ns
Rise Time
tr
-
490
-
Turn Off Delay Tine
td(off)
-
180
-
Fall Time
tr
-
310
-
Input Capacitance
Ciss
VDS=50V, VGS=0V, f=1㎒
-
40
-
Output Capacitance
Coss
-
4
-
Reverse Transfer Capacitance
Crss
-
0.8
-
pF
Source-Drain Diode Ratings
Continuous Source Current
IS
-
-
450
A
Pulsed Source Current
ISP
-
-
2500
A
Diode Forward Voltage
VSD
ID=400A, VGS=0V
-
1.1
1.4
V
Reverse Recovery Time
trr
VR=75V, ID=400A, di/dt = -100A/us
-
TBD
-
ns
Reverse Recovery Charge
Qrr
-
TBD
-
nC


Similar Part No. - FM400CD1D5C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
   Glass passivated type
FM4001 FORMOSA-FM4001 Datasheet
77Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4001 PACELEADER-FM4001 Datasheet
121Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
   FAST RECOVER RECTIFIER
More results

Similar Description - FM400CD1D5C

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
FM200HB1D5B KEC-FM200HB1D5B Datasheet
373Kb / 2P
   2 - PACK MOSFET MODULE
FMMT311 KEC-FMMT311 Datasheet
398Kb / 3P
   2-PACK MOSFET MODULE
FMMT312 KEC-FMMT312 Datasheet
393Kb / 3P
   2-PACK MOSFET MODULE
FM400HB1D5C KEC-FM400HB1D5C Datasheet
375Kb / 3P
   2 - PACK MOSFET MODULE
FM200CD1D5B KEC-FM200CD1D5B Datasheet
373Kb / 2P
   2-PACK MOSFET MODULE
logo
ON Semiconductor
NXH020P120MNF1PTG ONSEMI-NXH020P120MNF1PTG Datasheet
1Mb / 8P
   F1-2 PACK SiC MOSFET Module
December, 2021?뭃ev. P0
NXH040P120MNF1PTG ONSEMI-NXH040P120MNF1PTG Datasheet
1Mb / 8P
   F1-2 PACK SiC MOSFET Module
December, 2021?뭃ev. P0
NXH010P90MNF1PTG ONSEMI-NXH010P90MNF1PTG Datasheet
1Mb / 14P
   F1-2 PACK SiC MOSFET Module
March, 2022-Rev. P2
logo
KEC(Korea Electronics)
GM200HB06BL KEC-GM200HB06BL Datasheet
374Kb / 2P
   2-PACK IGBT MODULE
GM100HB06BLA KEC-GM100HB06BLA Datasheet
374Kb / 2P
   2-PACK IGBT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com