Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM400CD1D5C Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # FM400CD1D5C
Description  2-PACK MOSFET MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

FM400CD1D5C Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  FM400CD1D5C Datasheet HTML 1Page - KEC(Korea Electronics) FM400CD1D5C Datasheet HTML 2Page - KEC(Korea Electronics) FM400CD1D5C Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2013. 9. 13
1/3
SEMICONDUCTOR
TECHNICAL DATA
FM400CD1D5C
Revision No : 0
150V / 400A
2-PACK MOSFET MODULE (Common-Drain)
FEATURES
・Low R
DS(on)
・High frequency operation
・dv/dt ruggedness
・Fast switching
APPLICATION
・Battery Management System
・Electric Vehicle, Automotive etc.
INTERNAL CIRCUIT
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-to-Source Breakdown Voltage
VDSS
150
V
Gate to Source Voltage
VGSS
±30
V
Continuous Drain Current
@TC=25℃
ID
650
A
@TC=100℃
450
Pulsed Drain Current
@TC=25℃ ; Pulsed ;
IDM
2500
A
Isolation Voltage Test
AC@1minute
VISO
2500
V
Junction Temperature
Tj
-40
~+150
Storage Temperature
Tstg
-40
~+125
Weight
Weight
365
±5
g
Mounting Torque (M6)
M
6
Nm
Terminal Connection Torque (M6)
M
5
Nm
1
2
6
7
3
5
4
1. S2
2. D1/D2
3. S1
4. G1
5. S1
6. G2
7. S2
MAXIMUM RATING (@Tc=25
℃ Per Leg, Unless otherwise noted)
OUTLINE DRAWING
Unit : mm
M6×3
M6×4
2
1
3
6
7
5
4
93 0.5
+
_
108 0.5
+
_
28 0.3
+
_
28 0.3
+
_
79 0.3
+
_
14 0.3
+
_
14 0.3
+
_
14 0.3
+
_
+
_
21 0.3


Similar Part No. - FM400CD1D5C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
   Glass passivated type
FM4001 FORMOSA-FM4001 Datasheet
77Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4001 PACELEADER-FM4001 Datasheet
121Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
   FAST RECOVER RECTIFIER
More results

Similar Description - FM400CD1D5C

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
FM200HB1D5B KEC-FM200HB1D5B Datasheet
373Kb / 2P
   2 - PACK MOSFET MODULE
FMMT311 KEC-FMMT311 Datasheet
398Kb / 3P
   2-PACK MOSFET MODULE
FMMT312 KEC-FMMT312 Datasheet
393Kb / 3P
   2-PACK MOSFET MODULE
FM400HB1D5C KEC-FM400HB1D5C Datasheet
375Kb / 3P
   2 - PACK MOSFET MODULE
FM200CD1D5B KEC-FM200CD1D5B Datasheet
373Kb / 2P
   2-PACK MOSFET MODULE
logo
ON Semiconductor
NXH020P120MNF1PTG ONSEMI-NXH020P120MNF1PTG Datasheet
1Mb / 8P
   F1-2 PACK SiC MOSFET Module
December, 2021?뭃ev. P0
NXH040P120MNF1PTG ONSEMI-NXH040P120MNF1PTG Datasheet
1Mb / 8P
   F1-2 PACK SiC MOSFET Module
December, 2021?뭃ev. P0
NXH010P90MNF1PTG ONSEMI-NXH010P90MNF1PTG Datasheet
1Mb / 14P
   F1-2 PACK SiC MOSFET Module
March, 2022-Rev. P2
logo
KEC(Korea Electronics)
GM200HB06BL KEC-GM200HB06BL Datasheet
374Kb / 2P
   2-PACK IGBT MODULE
GM100HB06BLA KEC-GM100HB06BLA Datasheet
374Kb / 2P
   2-PACK IGBT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com