Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLOE16TP Datasheet(PDF) 1 Page - Marktech Corporate

Part # TLOE16TP
Description  TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLOE16TP Datasheet(HTML) 1 Page - Marktech Corporate

  TLOE16TP Datasheet HTML 1Page - Marktech Corporate TLOE16TP Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
172
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
TL
TL
TL
TL
TLOE16TP
OE16TP
OE16TP
OE16TP
OE16TP
• InGaAIP Technology
• T-1¾ (5 mm) Package
• Water Clear Lens
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
UNIT: mm
Pr
Pr
Pr
Pr
Product F
oduct F
oduct F
oduct F
oduct Fea
ea
ea
ea
eatur
tur
tur
tur
tures -
es -
es -
es -
es -
ORANGE
ORANGE
ORANGE
ORANGE
ORANGE TOSHIBA T-1¾
¾
¾
¾
¾ InGaAIP Ultra Bright LED
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
I
F
50
mA
Reverse Voltage
V
R
4V
Power Dissipation
P
D
120
mW
Operating Temperature
T
opr
-40 ~ 100
°C
Storage Temperature
T
stg
-40 ~ 120
°C
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
V
F
IF = 20mA
2.0
2.4
V
Reverse Current
I
R
VR = 4V
——50
µA
Luminous Intensity
I
V
IF = 20mA
850
2000
mcd
Viewing Angle
2
θ½—
24
°
Peak Wavelength
λ
p
IF = 20mA
612
nm
Dominant Wavelength
λ
d
IF = 20mA
605
nm
Spectral Line Half Width
∆λ
IF = 20mA
20
nm


Similar Part No. - TLOE16TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOE16TP TOSHIBA-TLOE16TP Datasheet
272Kb / 8P
   Panel Circuit Indicator
TLOE16TP TOSHIBA-TLOE16TP Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
TLOE16TP TOSHIBA-TLOE16TP Datasheet
249Kb / 9P
   Panel Circuit Indicator
TLOE16TPF TOSHIBA-TLOE16TPF Datasheet
272Kb / 8P
   Panel Circuit Indicator
TLOE16TPF TOSHIBA-TLOE16TPF Datasheet
249Kb / 9P
   Panel Circuit Indicator
More results

Similar Description - TLOE16TP

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRE156AP MARKTECH-TLRE156AP Datasheet
133Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLGE247 MARKTECH-TLGE247 Datasheet
136Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE183P MARKTECH-TLPGE183P Datasheet
132Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRME16TP MARKTECH-TLRME16TP Datasheet
131Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLYE180AP MARKTECH-TLYE180AP Datasheet
135Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE158P MARKTECH-TLPGE158P Datasheet
104Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE159P MARKTECH-TLPGE159P Datasheet
132Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRE180AP MARKTECH-TLRE180AP Datasheet
134Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRE263AP MARKTECH-TLRE263AP Datasheet
134Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLSE16TP MARKTECH-TLSE16TP Datasheet
131Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLSE180P MARKTECH-TLSE180P Datasheet
136Kb / 2P
   TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com