Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130095-0164 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130095-0164
Description  Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130095-0164 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130095-0164 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/01/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130095-0164
Status:
Active
Overview:
Pulling Grips
Description:
Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye, Medium Mesh
Length 0.813m (32.00"), Approximate Break Strength 8,799.69kg (19,400 lbs)
Documents:
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR32159
General
Product Family
Cable Grips
Series
130095
Eye Type
Flexible
O-Ring
N/A
Overview
Pulling Grips
Product Name
Light Duty
Type
Pulling Grip
UPC
78678835919
Woodhead
Yes
Physical
Approximate Break Strength
8,799.69kg (19,400 lbs)
Bale Length
N/A
Body Style
Straight
Cable Diameter
88.90-101.35mm (3.500-3.990")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Galvanized Steel
Mesh Length
0.813m (32.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
35919
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130095Series
This document was generated on 05/01/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130095-0164

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130095-0160 MOLEX11-130095-0160 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0161 MOLEX11-130095-0161 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0162 MOLEX11-130095-0162 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0163 MOLEX11-130095-0163 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0165 MOLEX11-130095-0165 Datasheet
36Kb / 1P
   Medium Duty Wire Mesh Pulling Grip, Single/Double Weave, Bale Eye
More results

Similar Description - 130095-0164

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130095-0146 MOLEX11-130095-0146 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0163 MOLEX11-130095-0163 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0152 MOLEX11-130095-0152 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0160 MOLEX11-130095-0160 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0148 MOLEX11-130095-0148 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0158 MOLEX11-130095-0158 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0162 MOLEX11-130095-0162 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0150 MOLEX11-130095-0150 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0153 MOLEX11-130095-0153 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0151 MOLEX11-130095-0151 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
130095-0147 MOLEX11-130095-0147 Datasheet
36Kb / 1P
   Light Duty Wire Mesh Pulling Grip, Single Weave, Flexible Rope Eye
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com