Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP120AMX120TCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP120AMX120TCG
Description  150mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP120AMX120TCG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP120AMX120TCG Datasheet HTML 1Page - ON Semiconductor NCP120AMX120TCG Datasheet HTML 2Page - ON Semiconductor NCP120AMX120TCG Datasheet HTML 3Page - ON Semiconductor NCP120AMX120TCG Datasheet HTML 4Page - ON Semiconductor NCP120AMX120TCG Datasheet HTML 5Page - ON Semiconductor NCP120AMX120TCG Datasheet HTML 6Page - ON Semiconductor NCP120AMX120TCG Datasheet HTML 7Page - ON Semiconductor NCP120AMX120TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NCP120
www.onsemi.com
5
TYPICAL CHARACTERISTICS
At TJ = +25°C, VIN = VOUT(TYP) + 0.3 V, VBIAS = 2.7 V, VEN = VBIAS, VOUT(NOM) = 1.05 V, IOUT = 150 mA,
CIN = 1 mF, CBIAS = 0.1 mF, and COUT = 1 mF (effective capacitance), unless otherwise noted.
Figure 4. VIN Dropout Voltage vs. IOUT and
Temperature TJ
Figure 5. VIN Dropout Voltage vs. (VBIAS
VOUT) and Temperature TJ
IOUT, OUTPUT CURRENT (mA)
VBIAS − VOUT (V)
100
0
0
10
20
30
40
50
60
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
40
80
100
+125
°C
+25
°C
−40
°C
4.5
60
120
+125
°C
+25
°C
−40
°C
IOUT = 150 mA
Figure 6. VBIAS Dropout Voltage vs. IOUT and
Temperature TJ
Figure 7. BIAS Pin Current vs. IOUT and
Temperature TJ
IOUT, OUTPUT CURRENT (mA)
100
0
800
900
1000
1100
1200
1300
1400
Figure 8. BIAS Pin Current vs. VBIAS and
Temperature TJ
Figure 9. Current Limit vs. (VBIAS − VOUT)
IOUT, OUTPUT CURRENT (mA)
VBIAS (V)
100
0
0
20
60
80
120
140
5.0
4.5
4.0
5.5
3.5
3.0
2.5
2.0
0
20
60
80
100
140
180
200
+125
°C
+25
°C
−40
°C
40
100
+125
°C
+85
°C
−40
°C
40
120
160
+85
°C
150
50
+85
°C
150
50
+85
°C
+25
°C
150
50
+125
°C
+85
°C
−40
°C
+25
°C
VBIAS − VOUT (V)
4.5
4.0
3.0
2.5
1.5
1.0
0.5
0
0
100
300
400
500
+125
°C
+25
°C
−40
°C
2.0
3.5
5.0
200
600
+85
°C
160
180
140
200


Similar Part No. - NCP120AMX120TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200 Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200 ONSEMI-NCP1200 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1200 ONSEMI-NCP1200 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
More results

Similar Description - NCP120AMX120TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
NCP130 ONSEMI-NCP130 Datasheet
146Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com