Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP120AMX180TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP120AMX180TCG
Description  150mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP120AMX180TCG Datasheet(HTML) 7 Page - ON Semiconductor

  NCP120AMX180TCG Datasheet HTML 1Page - ON Semiconductor NCP120AMX180TCG Datasheet HTML 2Page - ON Semiconductor NCP120AMX180TCG Datasheet HTML 3Page - ON Semiconductor NCP120AMX180TCG Datasheet HTML 4Page - ON Semiconductor NCP120AMX180TCG Datasheet HTML 5Page - ON Semiconductor NCP120AMX180TCG Datasheet HTML 6Page - ON Semiconductor NCP120AMX180TCG Datasheet HTML 7Page - ON Semiconductor NCP120AMX180TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NCP120
www.onsemi.com
7
ORDERING INFORMATION
Device
Nominal
Output
Voltage
Marking
Marking
Rotation
Option
Package
Shipping
NCP120AMX080TCG
0.80 V
A
180
°
Output Active Discharge
XDFN6
(Pb−Free)
3000 / Tape & Reel
NCP120AMX105TCG
1.05 V
D
180
°
NCP120AMX110TCG
1.10 V
E
180
°
NCP120AMX115TCG
1.15 V
F
180
°
NCP120AMX120TCG
1.20 V
J
180
°
NCP120AMX150TCG
1.50 V
K
180
°
NCP120AMX180TCG
1.80 V
L
180
°
NCP120AMX210TCG
2.10 V
P
180
°
NCP120BMX080TCG
0.80 V
A
270
°
Non−Active Discharge
NCP120BMX105TCG
1.05 V
D
270
°
NCP120BMX110TCG
1.10 V
E
270
°
NCP120BMX115TCG
1.15 V
F
270
°
NCP120BMX120TCG
1.20 V
J
270
°
NCP120BMX150TCG
1.50 V
K
270
°
NCP120BMX180TCG
1.80 V
L
270
°
NCP120BMX210TCG
2.10 V
P
270
°
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Spe-
cifications Brochure, BRD8011/D.
To order other package and voltage variants, please contact your ON sales representative


Similar Part No. - NCP120AMX180TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200 Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200 ONSEMI-NCP1200 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1200 ONSEMI-NCP1200 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
More results

Similar Description - NCP120AMX180TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
NCP130 ONSEMI-NCP130 Datasheet
146Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com