Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58631 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA58631
Description  3 W BTL audio amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58631 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA58631_15 Datasheet HTML 1Page - NXP Semiconductors SA58631_15 Datasheet HTML 2Page - NXP Semiconductors SA58631_15 Datasheet HTML 3Page - NXP Semiconductors SA58631_15 Datasheet HTML 4Page - NXP Semiconductors SA58631_15 Datasheet HTML 5Page - NXP Semiconductors SA58631_15 Datasheet HTML 6Page - NXP Semiconductors SA58631_15 Datasheet HTML 7Page - NXP Semiconductors SA58631_15 Datasheet HTML 8Page - NXP Semiconductors SA58631_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SA58631_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 12 October 2007
3 of 21
NXP Semiconductors
SA58631
3 W BTL audio amplifier
6.
Block diagram
7.
Pinning information
7.1 Pinning
Fig 1.
Block diagram of SA58631
SA58631
VCC
OUT
IN+
IN
GND
SVR
OUT+
002aac005
MODE
4
3
6
R
20 k
20 k
2
1
5
STANDBY/MUTE LOGIC
8
7
R
Fig 2.
Pin configuration for HVSON8
002aac006
OUT
IN
VCC
IN+
GND
SVR
OUT+
MODE
Transparent top view
5
4
6
3
7
2
8
1
terminal 1
index area
SA58631TK


Similar Part No. - SA58631_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631TK PHILIPS-SA58631TK Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631TK NXP-SA58631TK Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
More results

Similar Description - SA58631_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com