Electronic Components Datasheet Search |
|
SD10PU200 Datasheet(PDF) 1 Page - Bruckewell Technology LTD |
|
SD10PU200 Datasheet(HTML) 1 Page - Bruckewell Technology LTD |
1 / 4 page SD10PU200 High Current Density Surface Mount Schottky Rectifier Publication Order Number: [SD10PU200] © Bruckewell Technology Corporation Rev. A -2014 Description This Schottky rectifier is designed for switch mode power supply and high frequency DC to DC converters. Packaged in DFN 3.3mmx3.3mm, this device is intended for use in low voltage, high frequency, inverters, free-wheeling, by-pass diode and polarity protection applications. Its low profile was especially designed to be used in applications with space-saving constraints. Features • Very low conduction losses • Negligible switching losses • Extremely fast switching • Low thermal resistance • Avalanche capacity specified • High junction temperature • RoHS compliant package Mechanical Data • Case:DFN 3.3*3.3 •Molding compound meets UL 94 V-0 flammability Packing & Order Information 3,000/Reel Graphic symbol Device summary Symbol Value IF(AV) 10A VRRM 200V Tj(max) 150℃ VF(typ) 0.78 |
Similar Part No. - SD10PU200 |
|
Similar Description - SD10PU200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |