Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP133 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP133
Description  500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP133 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP133 Datasheet HTML 1Page - ON Semiconductor NCP133 Datasheet HTML 2Page - ON Semiconductor NCP133 Datasheet HTML 3Page - ON Semiconductor NCP133 Datasheet HTML 4Page - ON Semiconductor NCP133 Datasheet HTML 5Page - ON Semiconductor NCP133 Datasheet HTML 6Page - ON Semiconductor NCP133 Datasheet HTML 7Page - ON Semiconductor NCP133 Datasheet HTML 8Page - ON Semiconductor NCP133 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NCP133
www.onsemi.com
2
EN
CURRENT
LIMIT
THERMAL
LIMIT
UVLO
+
VOLTAGE
REFERENCE
IN
BIAS
GND
OUT
*Active
DISCHARGE
ENABLE
BLOCK
*Active output discharge function is present only in NCP133AMXyyyTCG devices.
yyy denotes the particular output voltage option.
Figure 2. Simplified Schematic Block Diagram − Fixed Version
150
W
EN
CURRENT
LIMIT
THERMAL
LIMIT
UVLO
+
VOLTAGE
REFERENCE
IN
BIAS
GND
OUT
*Active
DISCHARGE
ENABLE
BLOCK
*Active output discharge function is present only in NCP133AMXADJTCG devices.
Figure 3. Simplified Schematic Block Diagram − Adjustable Version
150
W
ADJ
0.80 V


Similar Part No. - NCP133

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1336 ONSEMI-NCP1336 Datasheet
1,004Kb / 26P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1336A ONSEMI-NCP1336A Datasheet
1,004Kb / 26P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1336A ONSEMI-NCP1336A Datasheet
1,022Kb / 27P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
March, 2017 - Rev. 4
NCP1336ADR2G ONSEMI-NCP1336ADR2G Datasheet
1,004Kb / 26P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1336ADR2G ONSEMI-NCP1336ADR2G Datasheet
936Kb / 26P
   Quasi-Resonant Current Mode Controller
April, 2014 ??Rev. 2
More results

Similar Description - NCP133

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP134 ONSEMI-NCP134 Datasheet
163Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 0
NCV8135 ONSEMI-NCV8135 Datasheet
772Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2019 ??Rev. 1
NCP135 ONSEMI-NCP135 Datasheet
769Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2017 ??Rev. 0
NCP137 ONSEMI-NCP137 Datasheet
181Kb / 9P
   700 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
September, 2018 ??Rev. 5
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com