Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP133AMX125TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP133AMX125TCG
Description  500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP133AMX125TCG Datasheet(HTML) 7 Page - ON Semiconductor

  NCP133AMX125TCG Datasheet HTML 1Page - ON Semiconductor NCP133AMX125TCG Datasheet HTML 2Page - ON Semiconductor NCP133AMX125TCG Datasheet HTML 3Page - ON Semiconductor NCP133AMX125TCG Datasheet HTML 4Page - ON Semiconductor NCP133AMX125TCG Datasheet HTML 5Page - ON Semiconductor NCP133AMX125TCG Datasheet HTML 6Page - ON Semiconductor NCP133AMX125TCG Datasheet HTML 7Page - ON Semiconductor NCP133AMX125TCG Datasheet HTML 8Page - ON Semiconductor NCP133AMX125TCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NCP133
www.onsemi.com
7
APPLICATIONS INFORMATION
IN
EN
FB
LX
GND
Processor
I/O
BIAS
IN
OUT
GND
NCP133
LOAD
VBAT
1.5 V
1.0 V
To other circuits
I/O
EN
Figure 12. Typical Application: Low−Voltage DC/DC Post−Regulator with ON/OFF Functionality
Switch−mode DC/DC
VOUT = 1.5 V
The NCP133 dual−rail very low dropout voltage regulator
is using NMOS pass transistor for output voltage regulation
from VIN voltage. All the low current internal control
circuitry is powered from the VBIAS voltage.
The use of an NMOS pass transistor offers several
advantages in applications. Unlike PMOS topology devices,
the output capacitor has reduced impact on loop stability.
Vin to Vout operating voltage difference can be very low
compared with standard PMOS regulators in very low Vin
applications.
The NCP133 offers smooth monotonic start-up. The
controlled voltage rising limits the inrush current.
The Enable (EN) input is equipped with internal
hysteresis. NCP133 Voltage linear regulator Fixed and
Adjustable version is available.
Output Voltage Adjust
The required output voltage of Adjustable devices can be
adjusted from 0.8 V to 3.6 V using two external resistors.
Typical application schematics is shown in Figure 13.
BIAS
IN
OUT
GND
CBIAS
2.2 μF
CIN
NCP133 ­ ADJ
VBIAS
VIN
EN
VEN
VOUT
ADJ
R1
R2
Figure 13. Typical Application Schematics
V
OUT + 0.8
1
) R1 R2
It is recommended to keep the total serial resistance of
resistors (R1 + R2) no greater than 100 k
W.
Recommended resistor values for programming the
frequently used voltages can be found in the Table 1.
Dropout Voltage
Because of two power supply inputs VIN and VBIAS and
one VOUT regulator output, there are two Dropout voltages
specified.
The first, the VIN Dropout voltage is the voltage
difference (VIN – VOUT) when VOUT starts to decrease by
percent specified in the Electrical Characteristics table.
VBIAS is high enough; specific value is published in the
Electrical Characteristics table.
The second, VBIAS dropout voltage is the voltage
difference (VBIAS – VOUT) when VIN and VBIAS pins are
joined together and VOUT starts to decrease.
Input and Output Capacitors
The device is designed to be stable for ceramic output
capacitors with Effective capacitance in the range from
2.2
mF to 10 mF. The device is also stable with multiple
capacitors in parallel, having the total effective capacitance
in the specified range.
In applications where no low input supplies impedance
available (PCB inductance in VIN and/or VBIAS inputs as
example), the recommended CIN = 1
mF and CBIAS = 0.1 mF
or greater. Ceramic capacitors are recommended. For the
best performance all the capacitors should be connected to
the NCP133 respective pins directly in the device PCB
copper layer, not through vias having not negligible
impedance.
When using small ceramic capacitor, their capacitance is
not constant but varies with applied DC biasing voltage,
temperature and tolerance. The effective capacitance can be
much lower than their nominal capacitance value, most
importantly in negative temperatures and higher LDO
output voltages. That is why the recommended Output
capacitor capacitance value is specified as Effective value in
the specific application conditions.


Similar Part No. - NCP133AMX125TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1336 ONSEMI-NCP1336 Datasheet
1,004Kb / 26P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1336A ONSEMI-NCP1336A Datasheet
1,004Kb / 26P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1336A ONSEMI-NCP1336A Datasheet
1,022Kb / 27P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
March, 2017 - Rev. 4
NCP1336ADR2G ONSEMI-NCP1336ADR2G Datasheet
1,004Kb / 26P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1336ADR2G ONSEMI-NCP1336ADR2G Datasheet
936Kb / 26P
   Quasi-Resonant Current Mode Controller
April, 2014 ??Rev. 2
More results

Similar Description - NCP133AMX125TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP134 ONSEMI-NCP134 Datasheet
163Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 0
NCV8135 ONSEMI-NCV8135 Datasheet
772Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2019 ??Rev. 1
NCP135 ONSEMI-NCP135 Datasheet
769Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2017 ??Rev. 0
NCP137 ONSEMI-NCP137 Datasheet
181Kb / 9P
   700 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
September, 2018 ??Rev. 5
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com