Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP152MX280120TCG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP152MX280120TCG
Description  Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP152MX280120TCG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP152MX280120TCG Datasheet HTML 2Page - ON Semiconductor NCP152MX280120TCG Datasheet HTML 3Page - ON Semiconductor NCP152MX280120TCG Datasheet HTML 4Page - ON Semiconductor NCP152MX280120TCG Datasheet HTML 5Page - ON Semiconductor NCP152MX280120TCG Datasheet HTML 6Page - ON Semiconductor NCP152MX280120TCG Datasheet HTML 7Page - ON Semiconductor NCP152MX280120TCG Datasheet HTML 8Page - ON Semiconductor NCP152MX280120TCG Datasheet HTML 9Page - ON Semiconductor NCP152MX280120TCG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP152
http://onsemi.com
6
TYPICAL CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
Figure 9. Line Regulation vs. Temperature
VOUT = 2.8 V
20
TJ, JUNCTION TEMPERATURE (°C)
Figure 10. Load Regulation vs. Temperature
VOUT = 1.8 V
10
TJ, JUNCTION TEMPERATURE (°C)
Figure 11. Load Regulation vs. Temperature
VOUT = 2.8 V
350
IOUT, OUTPUT CURRENT (mA)
0
Figure 12. Dropout Voltage vs. Output Current
VOUT = 1.8 V
VIN = 2.8 V
VOUT = 1.8 V
CIN = 0.22 mF
COUT = 0.22 mF
200
IOUT, OUTPUT CURRENT (mA)
Figure 13. Dropout Voltage vs. Output Current
VOUT = 2.8 V
VIN = 3.8 V
VOUT = 2.8 V
CIN = 0.22 mF
COUT = 0.22 mF
350
TJ, JUNCTION TEMPERATURE (°C)
Figure 14. Dropout Voltage vs. Temperature
VOUT = 1.8 V
0
VIN = 2.5 V
VOUT = 1.8 V
IOUT = 1 mA to 150 mA
CIN = 0.22 mF
COUT = 0.22 mF
VIN = 3.8 V
VOUT = 2.8 V
IOUT = 1 mA to 150 mA
CIN = 0.22 mF
COUT = 0.22 mF
9
8
7
6
5
4
3
2
1
0
TJ = 85°C
TJ = −40°C
TJ = 25°C
150
15
30
45
60
75
90
135
120
105
VIN = 3.8 V to 5.25 V
VOUT = 2.8 V
IOUT = 1 mA
CIN = 0.22 mF
COUT = 0.22 mF
0.05
0.04
0.03
0.02
0.01
0
−0.01
−0.02
−0.03
−0.04
−0.05
−40
−25 −10
5
95
80
65
50
35
20
18
16
14
12
10
8
6
4
2
−40
−25 −10
5
95
80
65
50
35
20
−40
−25 −10
5
95
80
65
50
35
20
315
280
245
210
175
140
105
70
35
0
0
150
15
30
45
60
75
90
135
120
105
TJ = 85°C
TJ = −40°C
TJ = 25°C
180
160
140
120
100
80
60
40
20
0
VIN = 2.8 V
VOUT = 1.8 V
CIN = 0.22 mF
COUT = 0.22 mF
−40
−25 −10
5
95
80
65
50
35
20
IOUT = 0 mA
IOUT = 150 mA
IOUT = 75 mA
315
280
245
210
175
140
105
70
35
0


Similar Part No. - NCP152MX280120TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1521 ONSEMI-NCP1521 Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
NCP1521 ONSEMI-NCP1521 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1521 ONSEMI-NCP1521 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1521AMUTBG ONSEMI-NCP1521AMUTBG Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
NCP1521ASNT1G ONSEMI-NCP1521ASNT1G Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
More results

Similar Description - NCP152MX280120TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com