Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP152MX300300TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP152MX300300TCG
Description  Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP152MX300300TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP152MX300300TCG Datasheet HTML 1Page - ON Semiconductor NCP152MX300300TCG Datasheet HTML 2Page - ON Semiconductor NCP152MX300300TCG Datasheet HTML 3Page - ON Semiconductor NCP152MX300300TCG Datasheet HTML 4Page - ON Semiconductor NCP152MX300300TCG Datasheet HTML 5Page - ON Semiconductor NCP152MX300300TCG Datasheet HTML 6Page - ON Semiconductor NCP152MX300300TCG Datasheet HTML 7Page - ON Semiconductor NCP152MX300300TCG Datasheet HTML 8Page - ON Semiconductor NCP152MX300300TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 3
1
Publication Order Number:
NCP152/D
NCP152
Dual 150 mA, Low IQ, Low
Dropout Voltage Regulator
The NCP152 is 150 mA, Dual Output Linear Voltage Regulator that
provides a very stable and accurate voltage with very low noise and
high Power Supply Rejection Ratio (PSRR) suitable for RF
applications. The device doesn’t require any additional noise bypass
capacitor to achieve very low noise performance. In order to optimize
performance for battery operated portable applications, the NCP152
employs the Adaptive Ground Current Feature for low ground current
consumption during light−load conditions.
Features
Operating Input Voltage Range: 1.9 V to 5.25 V
Two Independent Output Voltages:
(for details please refer to the Ordering Information section)
Very Low Dropout: 150 mV Typical at 150 mA
Low IQ of typ. 50 mA per Channel
High PSRR: 75 dB at 1 kHz
Two Independent Enable Pins
Thermal Shutdown and Current Limit Protections
Stable with a 0.22 mF Ceramic Output Capacitor
Available in XDFN6 1.2 x 1.2 mm Package
Active Output Discharge for Fast Output Turn−Off
These are Pb−Free Devices
Typical Applications
Smartphones, Tablets, Wireless Handsets
Wireless LAN, Bluetooth®, ZigBee® Interfaces
Other Battery Powered Applications
IN
EN1
EN2
OUT2
OUT1
GND
NCP152
VOUT2
VOUT1
COUT2
0.22
mF
COUT1
0.22
mF
CIN1
0.22
mF
VIN1
Figure 1. Typical Application Schematic
XDFN6, 1.2x1.2
CASE 711AT
MARKING
DIAGRAM
http://onsemi.com
See detailed ordering and shipping information on page 17 of
this data sheet.
ORDERING INFORMATION
XDFN6
(Top view)
6
5
4
1
2
3
OUT1
EN1
PIN CONNECTIONS
OUT2
GND
IN
EN2
X
= Specific Device Code
M
= Date Code
X M


Similar Part No. - NCP152MX300300TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1521 ONSEMI-NCP1521 Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
NCP1521 ONSEMI-NCP1521 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1521 ONSEMI-NCP1521 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1521AMUTBG ONSEMI-NCP1521AMUTBG Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
NCP1521ASNT1G ONSEMI-NCP1521ASNT1G Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
More results

Similar Description - NCP152MX300300TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com