Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP152MX330280TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP152MX330280TCG
Description  Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP152MX330280TCG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP152MX330280TCG Datasheet HTML 3Page - ON Semiconductor NCP152MX330280TCG Datasheet HTML 4Page - ON Semiconductor NCP152MX330280TCG Datasheet HTML 5Page - ON Semiconductor NCP152MX330280TCG Datasheet HTML 6Page - ON Semiconductor NCP152MX330280TCG Datasheet HTML 7Page - ON Semiconductor NCP152MX330280TCG Datasheet HTML 8Page - ON Semiconductor NCP152MX330280TCG Datasheet HTML 9Page - ON Semiconductor NCP152MX330280TCG Datasheet HTML 10Page - ON Semiconductor NCP152MX330280TCG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NCP152
http://onsemi.com
7
TYPICAL CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
Figure 15. Dropout Voltage vs. Temperature
VOUT = 2.8 V
IOUT = 0 mA
IOUT = 150 mA
VIN = 3.8 V
VOUT = 2.8 V
CIN = 0.22 mF
COUT = 0.22 mF
600
VOUT, OUTPUT VOLTAGE (V)
Figure 16. Dropout Voltage vs. Output Voltage
0.9
1.2
1.5
1.8
2.1
3.6
3.3
3.0
2.7
2.4
IOUT = 75 mA
−40
−25 −10
5
95
80
65
50
35
20
200
180
160
140
120
100
80
60
40
20
0
500
400
300
200
100
0
400
TJ, JUNCTION TEMPERATURE (°C)
VIN = 3.8 V
VOUT = 0 V
CIN = 0.22 mF
COUT = 0.22 mF
Figure 17. Short−Circuit Current vs.
Temperature
300
VIN, INPUT VOLTAGE (V)
2.4
6.0
Figure 18. Short−Circuit Current vs. Input
Voltage
VOUT = 0 V
CIN = 0.22 mF
COUT = 0.22 mF
−40
−25 −10
5
95
80
65
50
35
20
360
320
280
240
200
160
120
80
40
0
270
240
210
180
150
120
90
60
30
0
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
200
TJ, JUNCTION TEMPERATURE (°C)
Figure 19. Disable Current vs. Temperature
VIN = 5.5 V
VOUT = 2.8 V
CIN = 0.22 mF
COUT = 0.22 mF
−40
−25 −10
5
95
80
65
50
35
20
180
160
140
120
100
80
60
40
20
0
1
TJ, JUNCTION TEMPERATURE (°C)
Figure 20. Enable Voltage Threshold vs.
Temperature
VIN = 3.8 V
VOUT = 2.8 V
CIN = 0.22 mF
COUT = 0.22 mF
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
OFF −> ON
ON −> OFF
−40
−25 −10
5
95
80
65
50
35
20


Similar Part No. - NCP152MX330280TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1521 ONSEMI-NCP1521 Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
NCP1521 ONSEMI-NCP1521 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1521 ONSEMI-NCP1521 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1521AMUTBG ONSEMI-NCP1521AMUTBG Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
NCP1521ASNT1G ONSEMI-NCP1521ASNT1G Datasheet
156Kb / 17P
   1.5 MHz, 600 mA, High?묮fficiency, Low Quiescent Current, Adjustable Output Voltage Step?묭own Converter
July, 2006 ??Rev. 4
More results

Similar Description - NCP152MX330280TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCV4266-2C ONSEMI-NCV4266-2C Datasheet
86Kb / 11P
   150 mA Low Iq, Low-Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com