Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4IBC20WPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4IBC20WPBF
Description  Designed expressly for Switch-Mode Power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4IBC20WPBF Datasheet(HTML) 5 Page - International Rectifier

  IRG4IBC20WPBF_15 Datasheet HTML 1Page - International Rectifier IRG4IBC20WPBF_15 Datasheet HTML 2Page - International Rectifier IRG4IBC20WPBF_15 Datasheet HTML 3Page - International Rectifier IRG4IBC20WPBF_15 Datasheet HTML 4Page - International Rectifier IRG4IBC20WPBF_15 Datasheet HTML 5Page - International Rectifier IRG4IBC20WPBF_15 Datasheet HTML 6Page - International Rectifier IRG4IBC20WPBF_15 Datasheet HTML 7Page - International Rectifier IRG4IBC20WPBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRG4IBC20WPbF
www.irf.com
5
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
0
5
10
15
20
25
30
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
V
= 400V
I
= 6.5A
CC
C
0
10
20
30
40
50
0.12
0.13
0.14
0.15
R , Gate Resistance (Ohm)
G
V
= 480V
V
= 15V
T
= 25 C
I
= 6.5A
CC
GE
J
C
°
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.01
0.1
1
10
T , Junction Temperature ( C )
J
°
R
= Ohm
V
= 15V
V
= 480V
G
GE
CC
I =
A
13
C
I =
A
6.5
C
I =
A
3.25
C
50
1
10
100
0
200
400
600
800
1000
V
, Collector-to-Emitter Voltage (V)
CE
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GE
ies
ge
gc ,
ce
res
gc
oes
ce
gc
Cies
Coes
Cres


Similar Part No. - IRG4IBC20WPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4IBC20WPBF IRF-IRG4IBC20WPBF Datasheet
215Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4IBC20WPBF_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSES0765RG FAIRCHILD-FSES0765RG Datasheet
249Kb / 18P
   Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
logo
Bothhand USA, LP.
VP2009M-HF BOTHHAND-VP2009M-HF Datasheet
249Kb / 2P
   Designed for IP phone or switch applications.
VP2009-LF BOTHHAND-VP2009-LF Datasheet
103Kb / 2P
   Designed for IP phone or switch applications.
logo
EUROQUARTZ limited
CX4 EUROQUARTZ-CX4 Datasheet
148Kb / 2P
   Designed for low power applications
logo
Ohmite Mfg. Co.
RES-80 OHMITE-RES-80 Datasheet
336Kb / 2P
   Designed for precision power applications
logo
Bi technologies
627V100 BITECH-627V100_12 Datasheet
186Kb / 4P
   Designed For Pentium짰 Power Supply
logo
EUROQUARTZ limited
CX6SM EUROQUARTZ-CX6SM Datasheet
149Kb / 2P
   Designed for low power applications
logo
Bothhand USA, LP.
VP8019M-HF BOTHHAND-VP8019M-HF Datasheet
133Kb / 2P
   Designed to for IP phone or switch applications.
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com