Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4IBC30KDPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4IBC30KDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4IBC30KDPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRG4IBC30KDPBF_15 Datasheet HTML 2Page - International Rectifier IRG4IBC30KDPBF_15 Datasheet HTML 3Page - International Rectifier IRG4IBC30KDPBF_15 Datasheet HTML 4Page - International Rectifier IRG4IBC30KDPBF_15 Datasheet HTML 5Page - International Rectifier IRG4IBC30KDPBF_15 Datasheet HTML 6Page - International Rectifier IRG4IBC30KDPBF_15 Datasheet HTML 7Page - International Rectifier IRG4IBC30KDPBF_15 Datasheet HTML 8Page - International Rectifier IRG4IBC30KDPBF_15 Datasheet HTML 9Page - International Rectifier IRG4IBC30KDPBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRG4IBC30KDPbF
6
www.irf.com
1
10
100
1
10
100
1000
V
= 20V
T
= 125 C
GE
J
o
SAFE OPERATING AREA
V
, Collector-to-Emitter Voltage (V)
CE
0
8
16
24
32
40
0.0
1.0
2.0
3.0
4.0
5.0
I , Collector-to-emitter Current (A)
C
R
= Ohm
T
= 150 C
V
= 480V
V
= 15V
G
J
CC
GE
°
Fig. 12 - Turn-Off SOA
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
1
10
100
0.4
0.8
1.2
1.6
2.0
2.4
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
23


Similar Part No. - IRG4IBC30KDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4IBC30KDPBF IRF-IRG4IBC30KDPBF Datasheet
347Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4IBC30KDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4072DPBF IRF-IRGP4072DPBF_15 Datasheet
361Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP4650DPBF IRF-IRGP4650DPBF_15 Datasheet
337Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP20B120UD-EPBF IRF-IRGP20B120UD-EPBF_15 Datasheet
931Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP4660DPBF IRF-IRGP4660DPBF_15 Datasheet
354Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGP4690DPBF IRF-IRGP4690DPBF_15 Datasheet
351Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT TECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com