Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8547TS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8547TS
Description  2 횞 0.7 W BTL audio amplifier with output channel switching
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8547TS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8547TS_15 Datasheet HTML 7Page - NXP Semiconductors TDA8547TS_15 Datasheet HTML 8Page - NXP Semiconductors TDA8547TS_15 Datasheet HTML 9Page - NXP Semiconductors TDA8547TS_15 Datasheet HTML 10Page - NXP Semiconductors TDA8547TS_15 Datasheet HTML 11Page - NXP Semiconductors TDA8547TS_15 Datasheet HTML 12Page - NXP Semiconductors TDA8547TS_15 Datasheet HTML 13Page - NXP Semiconductors TDA8547TS_15 Datasheet HTML 14Page - NXP Semiconductors TDA8547TS_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
1998 Apr 01
11
NXP Semiconductors
Product specification
2
× 0.7 W BTL audio amplifier with
output channel switching
TDA8547TS
Fig.7 THD as a function of frequency.
Po =0.5 W; Gv =20 dB.
(1) VCC =5 V; RL =8 Ω.
handbook, halfpage
10
1
10−1
10−2
MGK989
10
102
103
104
THD
(%)
f (Hz)
105
(1)
Fig.8
Channel separation as a function of
frequency.
VCC =5 V; Vo =2 V; RL =8 Ω.
(1) Gv =30 dB.
(2) Gv =20 dB.
(3) Gv =6dB.
handbook, halfpage
−100
−90
−80
−70
−60
MGK699
10
102
103
104
105
f (Hz)
αcs
(dB)
(1)
(2)
(3)
Fig.9 SVRR as a function of frequency.
VCC =5 V; RS =0 Ω; Vr = 100 mV.
(1) Gv =30 dB.
(2) Gv =20 dB.
(3) Gv =6dB.
handbook, halfpage
−80
−60
−40
−20
MGD894
102
10
103
SVRR
(dB)
f (Hz)
104
105
(1)
(2)
(3)
Fig.10 Po as a function of VCC.
THD = 10%.
(1) RL =8 Ω.
(2) RL =16 Ω.
handbook, halfpage
048
Po
(W)
VCC (V)
12
0
2
1.5
1
(1)
(2)
0.5
MGK990


Similar Part No. - TDA8547TS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
More results

Similar Description - TDA8547TS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
TDA8547 PHILIPS-TDA8547 Datasheet
240Kb / 24P
   2 x 1 W BTL audio amplifier with output channel switching
1997 Oct 07
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com