Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8566 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8566
Description  2X40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8566 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8566_15 Datasheet HTML 5Page - NXP Semiconductors TDA8566_15 Datasheet HTML 6Page - NXP Semiconductors TDA8566_15 Datasheet HTML 7Page - NXP Semiconductors TDA8566_15 Datasheet HTML 8Page - NXP Semiconductors TDA8566_15 Datasheet HTML 9Page - NXP Semiconductors TDA8566_15 Datasheet HTML 10Page - NXP Semiconductors TDA8566_15 Datasheet HTML 11Page - NXP Semiconductors TDA8566_15 Datasheet HTML 12Page - NXP Semiconductors TDA8566_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TDA8566_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 15 October 2007
9 of 21
NXP Semiconductors
TDA8566
2
× 40 W/2 Ω stereo BTL car radio power amplifier
10. Static characteristics
[1]
The circuit is DC adjusted at VP = 6 V to 18 V and AC operating at VP = 8.5 V to 18 V.
[2]
At VP = 18 V to 30 V the DC output voltage is ≤ 0.5VP.
Table 7.
Static characteristics
VP = 14.4 V; Tamb =25 °C; measured in test circuit of Figure 9; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VP
supply voltage
[1] 6
14.4
18
V
Iq
quiescent current
RL = ∞Ω
-
115
180
mA
Operating condition
VMODE
mode select switch
level
8.5
-
VP
V
IMODE
mode select switch
current
VMODE = 14.4 V
-
15
40
µA
VO
output voltage
[2] -
7.0
-
V
VOO
output offset voltage
-
-
100
mV
Mute condition
VMODE
mode select switch
level
3.3
-
6.4
V
VO
output voltage
[2] -
7.0
-
V
VOO
output offset voltage
-
-
60
mV
∆VOO
output offset voltage
difference
with respect to
operating condition
--60
mV
Standby condition
VMODE
mode select switch
level
0-
2V
Istb
standby current
-
0.1
10
µA
Diagnostic
VDIAG
diagnostic output
voltage
during any fault
condition
-
-
0.6
V


Similar Part No. - TDA8566_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8566Q NXP-TDA8566Q Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566TH NXP-TDA8566TH Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH1 NXP-TDA8566TH1 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
More results

Similar Description - TDA8566_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8566 NXP-TDA8566 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com