Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP154 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP154
Description  Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP154 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP154_15 Datasheet HTML 1Page - ON Semiconductor NCP154_15 Datasheet HTML 2Page - ON Semiconductor NCP154_15 Datasheet HTML 3Page - ON Semiconductor NCP154_15 Datasheet HTML 4Page - ON Semiconductor NCP154_15 Datasheet HTML 5Page - ON Semiconductor NCP154_15 Datasheet HTML 6Page - ON Semiconductor NCP154_15 Datasheet HTML 7Page - ON Semiconductor NCP154_15 Datasheet HTML 8Page - ON Semiconductor NCP154_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP154
http://onsemi.com
4
Table 4. ELECTRICAL CHARACTERISTICS
(−40
°C ≤ TJ ≤ 85°C; VIN =VOUT(NOM) + 1 V or 2.5 V, whichever is greater; VEN = 0.9 V, IOUT = 1 mA, CIN =COUT =1 mF.
Typical values are at TJ = +25°C. Min/Max values are specified for TJ = −40°C and TJ =85°C respectively.) (Note 4)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
1.9
5.25
V
Output Voltage Accuracy
−40
°C ≤ TJ ≤ 85°C
VOUT > 2 V
VOUT
−2
+2
%
VOUT ≤ 2 V
−60
+60
mV
Line Regulation
VOUT + 0.5 V
≤ VIN ≤ 5 V
RegLINE
0.02
0.1
%/V
Load Regulation
IOUT = 1 mA to 300 mA
RegLOAD
15
40
mV
Dropout Voltage (Note 5)
IOUT = 300 mA
VOUT(nom) = 1.5 V
VDO
360
470
mV
VOUT(nom) = 1.8 V
335
390
mV
VOUT(nom) = 2.7 V
165
275
mV
VOUT(nom) = 2.8 V
160
270
mV
VOUT(nom) = 3.0 V
150
260
mV
VOUT(nom) = 3.3 V
140
250
mV
Output Current Limit
VOUT = 90% VOUT(nom)
ICL
400
mA
Quiescent Current
IOUT = 0 mA, EN1=VIN, EN2=0V or EN2=VIN, EN1=0V
IQ
55
100
mA
IOUT1 = IOUT2 = 0 mA, VEN1 = VEN2 = VIN
IQ
110
200
mA
Shutdown current (Note 6)
VEN
≤ 0.4 V, VIN = 5.25 V
IDIS
0.1
1
mA
EN Pin Threshold Voltage
High Threshold
Low Threshold
VEN Voltage increasing
VEN Voltage decreasing
VEN_HI
VEN_LO
0.9
0.4
V
EN Pin Input Current
VEN = VIN = 5.25 V
IEN
0.3
1.0
mA
Power Supply Rejection Ratio
VIN = VOUT+1 V for VOUT > 2 V, VIN = 2.5 V,
for VOUT
≤ 2 V, IOUT = 10 mA
f = 1 kHz
PSRR
75
dB
Output Noise Voltage
f = 10 Hz to 100 kHz
VN
75
mVrms
Active Discharge Resistance
VIN = 4 V, VEN < 0.4 V
RDIS
50
W
Thermal Shutdown Temperature
Temperature increasing from TJ = +25
°C
TSD
160
°C
Thermal Shutdown Hysteresis
Temperature falling from TSD
TSDH
20
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Performance guaranteed over the indicated operating temperature range by design and/or characterization. Production tested at
TJ =TA =25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
5. Characterized when VOUT falls 100 mV below the regulated voltage at VIN =VOUT(NOM) +1V.
6. Shutdown Current is the current flowing into the IN pin when the device is in the disable state.


Similar Part No. - NCP154_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547 Datasheet
157Kb / 13P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
More results

Similar Description - NCP154_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCV8154 ONSEMI-NCV8154_16 Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
logo
Texas Instruments
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com