Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP154MX280270TAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP154MX280270TAG
Description  Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP154MX280270TAG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP154MX280270TAG Datasheet HTML 1Page - ON Semiconductor NCP154MX280270TAG Datasheet HTML 2Page - ON Semiconductor NCP154MX280270TAG Datasheet HTML 3Page - ON Semiconductor NCP154MX280270TAG Datasheet HTML 4Page - ON Semiconductor NCP154MX280270TAG Datasheet HTML 5Page - ON Semiconductor NCP154MX280270TAG Datasheet HTML 6Page - ON Semiconductor NCP154MX280270TAG Datasheet HTML 7Page - ON Semiconductor NCP154MX280270TAG Datasheet HTML 8Page - ON Semiconductor NCP154MX280270TAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NCP154
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage vs. Temperature –
VOUT = 1.0 V
Figure 4. Output Voltage vs. Temperature –
VOUT = 1.0 V
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
80
50
35
20
5
−10
−25
−40
0.95
0.96
0.98
0.99
1.00
1.02
1.04
1.05
80
65
35
20
5
−10
−25
−40
1.75
1.76
1.78
1.79
1.80
1.81
1.83
1.85
Figure 5. Output Voltage vs. Temperature –
VOUT = 1.0 V
Figure 6. Output Voltage vs. Temperature –
VOUT = 1.0 V
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
80
65
35
20
5
−10
−25
−40
2.75
2.76
2.78
2.79
2.80
2.82
2.83
2.85
80
65
50
20
5
−10
−25
−40
3.25
3.26
3.28
3.29
3.31
3.32
3.33
3.35
Figure 7. Ground Current vs. Output Current
Figure 8. Quiescent Current vs. Input Voltage
IOUT, OUTPUT CURRENT (mA)
VIN, INPUT VOLTAGE (V)
270
210
150
120
90
60
30
0
0
60
120
240
360
420
540
600
5.0
4.0
3.5
3.0
2.0
1.0
0.5
0
0
6
18
24
36
42
54
60
65
95
0.97
1.01
1.03
IOUT = 1 mA
IOUT = 300 mA
IOUT = 1 mA
IOUT = 300 mA
50
95
1.77
1.82
1.84
IOUT = 1 mA
IOUT = 300 mA
IOUT = 1 mA
IOUT = 300 mA
VIN = 2.5 V
VOUT = 1.0 V
CIN = COUT = 1 mF
50
95
2.77
2.81
2.84
35
95
3.27
3.30
3.34
VIN = 2.8 V
VOUT = 1.8 V
CIN = COUT = 1 mF
VIN = 3.8 V
VOUT = 2.8 V
CIN = COUT = 1 mF
VIN = 4.3 V
VOUT = 3.3 V
CIN = COUT = 1 mF
180
300
480
180
240
300
VIN = 4.3 V
VOUT = 3.3 V
CIN = COUT = 1 mF
TJ = 85°C
TJ = 25°C
TJ = −40°C
12
30
48
1.5
2.5
4.5
5.5
85
°C
−40
°C
25
°C
VIN = 4.3 V
VOUT = 3.3 V
CIN = COUT = 1 mF


Similar Part No. - NCP154MX280270TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547 Datasheet
157Kb / 13P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
More results

Similar Description - NCP154MX280270TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCV8154 ONSEMI-NCV8154_16 Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
logo
Texas Instruments
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com