Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP154MX180270TAG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP154MX180270TAG
Description  Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP154MX180270TAG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP154MX180270TAG Datasheet HTML 6Page - ON Semiconductor NCP154MX180270TAG Datasheet HTML 7Page - ON Semiconductor NCP154MX180270TAG Datasheet HTML 8Page - ON Semiconductor NCP154MX180270TAG Datasheet HTML 9Page - ON Semiconductor NCP154MX180270TAG Datasheet HTML 10Page - ON Semiconductor NCP154MX180270TAG Datasheet HTML 11Page - ON Semiconductor NCP154MX180270TAG Datasheet HTML 12Page - ON Semiconductor NCP154MX180270TAG Datasheet HTML 13Page - ON Semiconductor NCP154MX180270TAG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
NCP154
http://onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 30. Enable Turn−on Response –
VOUT = 1.0 V, COUT = 1 mF
Figure 31. Enable Turn−on Response –
VOUT = 1.0 V, COUT = 4.7 mF
40
ms/div
40
ms/div
Figure 32. Enable Turn−on Response –
VOUT = 3.3 V, COUT = 1 mF
Figure 33. Enable Turn−on Response –
VOUT = 3.3 V, COUT = 4.7 mF
40
ms/div
40
ms/div
Figure 34. Line Transient Response – Rising
Edge, VOUT = 3.3 V, IOUT = 10 mA
Figure 35. Line Transient Response – Falling
Edge, VOUT = 3.3 V, IOUT = 10 mA
8
ms/div
8
ms/div
VIN = 2.5 V
VOUT = 1.0 V
IOUT = 10 mA
CIN = COUT = 1 mF
VIN = 2.5 V
VOUT = 1.0 V
IOUT = 10 mA
CIN = COUT = 4.7 mF
VEN
IIN
VOUT
VEN
IIN
VOUT
VIN = 4.3 V
VOUT = 3.3 V
IOUT = 10 mA
CIN = COUT = 1 mF
VIN = 4.3 V
VOUT = 3.3 V
IOUT = 10 mA
CIN = COUT = 4.7 mF
VEN
IIN
VOUT
VEN
IIN
VOUT
VIN = 4.8 V to 3.8 V
IOUT = 10 mA
CIN = none
COUT = 1 mF
VIN
VOUT
VIN
VOUT
VIN = 3.8 V to 4.8 V
IOUT = 10 mA
CIN = none
COUT = 1 mF
tRISE = 1 ms
tFALL = 1 ms


Similar Part No. - NCP154MX180270TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547 Datasheet
157Kb / 13P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
More results

Similar Description - NCP154MX180270TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCV8154 ONSEMI-NCV8154_16 Datasheet
871Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
logo
Texas Instruments
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com