Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8920C Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8920C
Description  2 X 110 W class-D power amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920C Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8920C_15 Datasheet HTML 1Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 2Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 3Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 4Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 5Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 6Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 7Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 8Page - NXP Semiconductors TDA8920C_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TDA8920C_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
5 of 39
NXP Semiconductors
TDA8920C
2
× 110 W class-D power amplifier
7.2 Pin description
8.
Functional description
8.1 General
The TDA8920C is a two-channel audio power amplifier that uses class-D technology.
For each channel, the audio input signal is converted into a digital PWM signal using an
analog input stage and a PWM modulator; see Figure 1. To drive the output power
transistors, the digital PWM signal is fed to a control and handshake block and to high-
and low-side driver circuits. This level-shifts the low-power digital PWM signal from a logic
level to a high-power PWM signal switching between the main supply lines.
A 2nd-order low-pass filter converts the PWM signal to an analog audio signal that can be
used to drive a loudspeaker.
Table 3.
Pin description
Symbol
Pin
Description
TDA8920CTH
TDA8920CJ
VSSA
1
18
negative analog supply voltage
SGND
2
19
signal ground
VDDA
3
20
positive analog supply voltage
IN2M
4
21
channel 2 negative audio input
IN2P
5
22
channel 2 positive audio input
MODE
6
23
mode selection input: Standby, Mute or Operating
mode
OSC
7
1
oscillator frequency adjustment or tracking input
IN1P
8
2
channel 1 positive audio input
IN1M
9
3
channel 1 negative audio input
n.c.
10
4
not connected
n.c.
11
5
not connected
n.c.
12
6
not connected
PROT
13
7
decoupling capacitor for protection (OCP)
VDDP1
14
8
channel 1 positive power supply voltage
BOOT1
15
9
channel 1 bootstrap capacitor
OUT1
16
10
channel 1 PWM output
VSSP1
17
11
channel 1 negative power supply voltage
STABI
18
12
decoupling of internal stabilizer for logic supply
n.c.
19
-
not connected
VSSP2
20
13
channel 2 negative power supply voltage
OUT2
21
14
channel 2 PWM output
BOOT2
22
15
channel 2 bootstrap capacitor
VDDP2
23
16
channel 2 positive power supply voltage
VSSD
24
17
negative digital supply voltage


Similar Part No. - TDA8920C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920CJ NXP-TDA8920CJ Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920CJ NXP-TDA8920CJ Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920CTH NXP-TDA8920CTH Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920CTH NXP-TDA8920CTH Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920C NXP-TDA8920C_09 Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
More results

Similar Description - TDA8920C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920C NXP-TDA8920C_09 Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com