Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8932B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8932B
Description  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8932B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8932B_15 Datasheet HTML 2Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 3Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 4Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 5Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 6Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 7Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 8Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 9Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
TDA8932B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
6 of 48
NXP Semiconductors
TDA8932B
Class-D audio amplifier
8.2 Mode selection and interfacing
The TDA8932B supports four operating modes, selected using pins POWERUP and
ENGAGE:
Sleep mode: with low supply current.
Mute mode: the amplifiers are switching idle (50 % duty cycle), but the audio signal at
the output is suppressed by disabling the Vl-converter input stages. The capacitors on
pins HVP1 and HVP2 have been charged to half the supply voltage (asymmetrical
supply only).
Operating mode: the amplifiers are fully operational with output signal.
Fault mode.
Pins POWERUP and ENGAGE are referenced to pin CGND.
Table 4 shows the different modes as a function of the voltages on the POWERUP and
ENGAGE pins.
[1]
In case of symmetrical supply conditions the voltage applied to pins POWERUP and ENGAGE must never
exceed the supply voltage (VDDA, VDDP1 or VDDP2).
If the transition between Mute mode and Operating mode is controlled via a time constant,
the start-up will be pop free since the DC output offset voltage is applied gradually to the
output between Mute mode and Operating mode. The bias current setting of the
VI-converters is related to the voltage on pin ENGAGE:
Mute mode: the bias current setting of the VI-converters is zero (VI-converters
disabled)
Operating mode: the bias current is at maximum
The time constant required to apply the DC output offset voltage gradually between Mute
mode and Operating mode can be generated by connecting a 470 nF decoupling
capacitor to pin ENGAGE.
Table 4.
Mode selection
Mode
Pin
POWERUP
ENGAGE
DIAG
Sleep
< 0.8 V
< 0.8 V
don’t care
Mute
2 V to 6.0 V[1]
< 0.8 V[1]
> 2 V
Operating
2 V to 6.0 V[1]
2.4 V to 6.0 V[1]
>2V
Fault
2 V to 6.0 V[1]
don’t care
< 0.8 V


Similar Part No. - TDA8932B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8932BT NXP-TDA8932BT Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BTW NXP-TDA8932BTW Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
More results

Similar Description - TDA8932B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com