Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8950 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8950
Description  2 X 150 W class-D power amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8950 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8950_15 Datasheet HTML 1Page - NXP Semiconductors TDA8950_15 Datasheet HTML 2Page - NXP Semiconductors TDA8950_15 Datasheet HTML 3Page - NXP Semiconductors TDA8950_15 Datasheet HTML 4Page - NXP Semiconductors TDA8950_15 Datasheet HTML 5Page - NXP Semiconductors TDA8950_15 Datasheet HTML 6Page - NXP Semiconductors TDA8950_15 Datasheet HTML 7Page - NXP Semiconductors TDA8950_15 Datasheet HTML 8Page - NXP Semiconductors TDA8950_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TDA8950_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
3 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
6.
Block diagram
Pin numbers in brackets refer to type number TDA8950J.
Fig 1.
Block diagram
001aah653
OUT1
VSSP1
VDDP2
DRIVER
HIGH
OUT2
BOOT2
TDA8950TH
(TDA8950J)
BOOT1
DRIVER
LOW
SWITCH1
CONTROL
AND
HANDSHAKE
PWM
MODULATOR
MANAGER
OSCILLATOR
TEMPERATURE SENSOR
CURRENT PROTECTION
VOLTAGE PROTECTION
STABI
MODE
INPUT
STAGE
mute
9 (3)
8 (2)
IN1M
IN1P
22 (15)
21 (14)
20 (13)
17 (11)
16 (10)
15 (9)
VSSP2
VSSP1
DRIVER
HIGH
DRIVER
LOW
SWITCH2
CONTROL
AND
HANDSHAKE
PWM
MODULATOR
11 (5)
n.c.
7 (1)
OSC
2 (19)
SGND
6 (23)
MODE
INPUT
STAGE
mute
5 (22)
4 (21)
IN2M
IN2P
19 (-)
24 (17)
VSSD
n.c.
1 (18)
VSSA
12 (6)
n.c.
3 (20)
VDDA
10 (4)
n.c.
23 (16)
13 (7)
18 (12)
14 (8)
VDDP2
PROT
STABI
VDDP1


Similar Part No. - TDA8950_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8950J NXP-TDA8950J Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8950J PHILIPS-TDA8950J Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950J-N1112 PHILIPS-TDA8950J-N1112 Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950TH NXP-TDA8950TH Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8950TH PHILIPS-TDA8950TH Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
More results

Similar Description - TDA8950_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8950J-N1112 PHILIPS-TDA8950J-N1112 Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com