Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMH24_PUMH24 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PEMH24_PUMH24
Description  NPN/NPN resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMH24_PUMH24 Datasheet(HTML) 9 Page - NXP Semiconductors

  PEMH24_PUMH24_15 Datasheet HTML 1Page - NXP Semiconductors PEMH24_PUMH24_15 Datasheet HTML 2Page - NXP Semiconductors PEMH24_PUMH24_15 Datasheet HTML 3Page - NXP Semiconductors PEMH24_PUMH24_15 Datasheet HTML 4Page - NXP Semiconductors PEMH24_PUMH24_15 Datasheet HTML 5Page - NXP Semiconductors PEMH24_PUMH24_15 Datasheet HTML 6Page - NXP Semiconductors PEMH24_PUMH24_15 Datasheet HTML 7Page - NXP Semiconductors PEMH24_PUMH24_15 Datasheet HTML 8Page - NXP Semiconductors PEMH24_PUMH24_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
© Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner. The information presented in this document does
not form part of any quotation or contract, is believed to be accurate and reliable and may
be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
Date of release: 18 May 2005
Document number: 9397 750 14456
Published in The Netherlands
Philips Semiconductors
PEMH24; PUMH24
NPN/NPN resistor-equipped transistors; R1 = 100 k
Ω, R2 = 100 kΩ
16. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description. . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data. . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Thermal characteristics. . . . . . . . . . . . . . . . . . . 4
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4
8
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6
9
Packing information. . . . . . . . . . . . . . . . . . . . . . 6
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 7
11
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . . 8
12
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
13
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
14
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
15
Contact information . . . . . . . . . . . . . . . . . . . . . 8


Similar Part No. - PEMH24_PUMH24_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMH24 NEXPERIA-PEMH24 Datasheet
179Kb / 10P
   NPN/NPN resistor-equipped transistors;
PEMH24 NEXPERIA-PEMH24 Datasheet
79Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02 - 2 September 2009
More results

Similar Description - PEMH24_PUMH24_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC115E PHILIPS-PDTC115E Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Aug 06
PEMD24 NXP-PEMD24 Datasheet
78Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
PEMD24_PUMD24 PHILIPS-PEMD24_PUMD24_15 Datasheet
78Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
PDTC115T PHILIPS-PDTC115T Datasheet
78Kb / 10P
   NPN resistor-equipped transistors; R1 =100 kW, R2 open
Rev. 04-17 February 2005
PDTA115E PHILIPS-PDTA115E Datasheet
93Kb / 14P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Jul 30
logo
Nexperia B.V. All right...
PDTC115T_SER NEXPERIA-PDTC115T_SER Datasheet
177Kb / 11P
   NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005
logo
NXP Semiconductors
PEMB24 NXP-PEMB24_09 Datasheet
80Kb / 11P
   PNP/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
logo
Nexperia B.V. All right...
PEMB24 NEXPERIA-PEMB24 Datasheet
79Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02 - 2 September 2009
logo
NXP Semiconductors
PEMB24_PUMB24 PHILIPS-PEMB24_PUMB24_15 Datasheet
80Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMB24 NXP-PEMB24 Datasheet
80Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com