Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMH20_PUMH20 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PEMH20_PUMH20
Description  NPN/NPN resistor-equipped transistors R1 = 2.2 k廓, R2 = 2.2 k廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMH20_PUMH20 Datasheet(HTML) 3 Page - NXP Semiconductors

  PEMH20_PUMH20_15 Datasheet HTML 1Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 2Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 3Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 4Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 5Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 6Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 7Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 8Page - NXP Semiconductors PEMH20_PUMH20_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PEMH20_PUMH20_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 November 2009
3 of 9
NXP Semiconductors
PEMH20; PUMH20
NPN/NPN resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 2.2 kΩ
5.
Limiting values
[1]
Device mounted on a FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
10
V
VI
input voltage
positive
-
+12
V
negative
-
−10
V
IO
output current (DC)
-
100
mA
ICM
peak collector current
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -200
mW
SOT666
[1][2] -200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -300
mW
SOT666
[1][2] -300
mW


Similar Part No. - PEMH20_PUMH20_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH20 PHILIPS-PEMH20 Datasheet
52Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
Rev. 03-14 February 2005
PEMH20 NXP-PEMH20 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
logo
Nexperia B.V. All right...
PEMH20 NEXPERIA-PEMH20 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 04 - 15 November 2009
More results

Similar Description - PEMH20_PUMH20_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC123E NXP-PDTC123E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 06
PEMH20 NXP-PEMH20 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
logo
Nexperia B.V. All right...
PDTC123EMB NEXPERIA-PDTC123EMB Datasheet
960Kb / 13P
   NPN resistor-equipped transistor; R1 = 2.2 k廓, R2 = 2.2 k廓
logo
NXP Semiconductors
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
PDTC123J NXP-PDTC123J Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 13
logo
Nexperia B.V. All right...
PQMH10 NEXPERIA-PQMH10 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTC123Y NXP-PDTC123Y Datasheet
145Kb / 11P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 04-16 November 2009
PDTA123E NXP-PDTA123E Datasheet
189Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PQMD10 NEXPERIA-PQMD10 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PEMD10 NXP-PEMD10 Datasheet
149Kb / 9P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com