Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF120 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ADF120
Description  Din Rail Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ADF120 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ADF120 Datasheet HTML 1Page - Arch Electronics Corp. ADF120 Datasheet HTML 2Page - Arch Electronics Corp. ADF120 Datasheet HTML 3Page - Arch Electronics Corp. ADF120 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : PA_1
update : 2014.08.04
AC-DC Din Rail Power Supply
ADF120 SERIES
120 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
MECHANICAL DIMENSION
( Top View )
BLOCK DIAGRAM
DERATING
PIN#
Single
1
AC IN (L)
2
AC IN (N)
3
FG
4
+DC OUT
5
+DC OUT
6
-DC OUT
7
-DC OUT


Similar Part No. - ADF120

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ADF120 ARCH-ADF120_16 Datasheet
131Kb / 2P
   AC-DC Din Rail Power Supply
More results

Similar Description - ADF120

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ANCA-DN_SERIES ARCH-ANCA-DN_SERIES Datasheet
187Kb / 3P
   Din Rail Switching Power Supply
AQF120E-180W ARCH-AQF120E-180W_16 Datasheet
533Kb / 8P
   Din Rail Switching Power Supply
ATC-DN_SERIES ARCH-ATC-DN_SERIES Datasheet
171Kb / 3P
   Din Rail Switching Power Supply
AHC-DN_SERIES ARCH-AHC-DN_SERIES Datasheet
149Kb / 2P
   Din Rail Switching Power Supply
AFC-DN_SERIES ARCH-AFC-DN_SERIES Datasheet
142Kb / 2P
   Din Rail Switching Power Supply
APC-DN_SERIES ARCH-APC-DN_SERIES Datasheet
163Kb / 3P
   Din Rail Switching Power Supply
AQF120D_SERIES ARCH-AQF120D_SERIES Datasheet
260Kb / 2P
   Din Rail Switching Power Supply
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
   DIN RAIL POWER SUPPLY
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
   DIN Rail Power Supply
logo
Delta Electronics, Inc.
DRS-24V30W1AZ DELTA-DRS-24V30W1AZ Datasheet
835Kb / 11P
   Sync DIN Rail Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com