Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQF500 Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # AQF500
Description  Open Frame Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF500 Datasheet(HTML) 4 Page - Arch Electronics Corp.

  AQF500 Datasheet HTML 1Page - Arch Electronics Corp. AQF500 Datasheet HTML 2Page - Arch Electronics Corp. AQF500 Datasheet HTML 3Page - Arch Electronics Corp. AQF500 Datasheet HTML 4Page - Arch Electronics Corp. AQF500 Datasheet HTML 5Page - Arch Electronics Corp. AQF500 Datasheet HTML 6Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VER : A_2
update : 2015.08.11
AC-DC Switching Power Supply
AQF500 SERIES
500 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-4-
FUNCTION DESCRIPITON of CN1
Pin No.
Function
Description
C1
-5VSB
This pin connects to the negative terminal(-V). Return for DC-OK and -RC signal output.
C2
+5VSB
Stand by voltage output ground 4.5~5.5V, referenced to pin C1(-5VSB). The maximum load current is 0.6A.
C3
GND
This pin connects to the negative terminal(-V). Return for DC-OK and -RC signal output.
C4
DC OK
DC-OK Signal is a DC output, referenced to pin C3(DC-OK GND).
C5
-RC
This pin connects to the negative terminal(-V). Return for DC-OK and -RC signal output.
C6
+RC
Turns the output on and off by electrical or dry contact between pin C5 (-RC), Short: Power OFF, Open: Power ON.
C7
-S
Negative sensing. The -S signal should be connected to the negative terminal of the load. The -S and +S leads should be
twisted in pair to minimize noise pick-up effect. The maximum line drop compensation is 0.3V.
C8
+S
Positive sensing. The +S signal should be connected to the negative terminal of the load. The +S and -S leads should be
twisted in pair to minimize noise pick-up effect. The maximum line drop compensation is 0.3V.
FUNCTION MANUAL & APPLICATION NOTE
1. DC-OK Signal
Between
DC-OK and GND
Output
Status
3.7~6V
ON
0~1V
OFF
2. Remote Control
It can be turned ON/OFF by using the "Remote Control" function.
Between
+RC and -RC
Output
Status
SW ON (Short)
OFF
SW OFF (Open)
ON


Similar Part No. - AQF500

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
More results

Similar Description - AQF500

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPD-2515 CUI-VPD-2515 Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA100 ARCH-SZA100 Datasheet
201Kb / 5P
   Open Frame Switching Power Supply
logo
CUI INC
VPD-25A CUI-VPD-25A Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
VPT-45B CUI-VPT-45B Datasheet
78Kb / 2P
   Open Frame Switching Power Supply
VPD-2505 CUI-VPD-2505 Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA60O ARCH-SZA60O Datasheet
215Kb / 2P
   Open Frame Switching Power Supply
logo
List of Unclassifed Man...
VSUU-120-D285 ETC1-VSUU-120-D285 Datasheet
254Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
AQF120O-180W ARCH-AQF120O-180W_16 Datasheet
362Kb / 7P
   Open Frame Switching Power Supply
SZA60O ARCH-SZA60O_16 Datasheet
215Kb / 2P
   Open Frame Switching Power Supply
AQF120O_SERIES ARCH-AQF120O_SERIES Datasheet
350Kb / 5P
   Open Frame Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com