Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC50UPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRG4PC50UPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50UPBF Datasheet(HTML) 4 Page - International Rectifier

  IRG4PC50UPBF_15 Datasheet HTML 1Page - International Rectifier IRG4PC50UPBF_15 Datasheet HTML 2Page - International Rectifier IRG4PC50UPBF_15 Datasheet HTML 3Page - International Rectifier IRG4PC50UPBF_15 Datasheet HTML 4Page - International Rectifier IRG4PC50UPBF_15 Datasheet HTML 5Page - International Rectifier IRG4PC50UPBF_15 Datasheet HTML 6Page - International Rectifier IRG4PC50UPBF_15 Datasheet HTML 7Page - International Rectifier IRG4PC50UPBF_15 Datasheet HTML 8Page - International Rectifier IRG4PC50UPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRG4PC50UPbF
4
www.irf.com
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Collector-to-Emitter Voltage vs.
JunctionTemperature
Fig. 4 - Maximum Collector Current vs. Case
Temperature
1.0
1.5
2.0
2.5
-60
-40
-20
0
20
40
60
80
100 120 140 160
V
= 15V
80µs PU LSE W ID TH
GE
A
T , Ju nction Te m p eratu re (°C )
J
I = 54A
I = 27A
I = 14A
C
C
C
0
10
20
30
40
50
60
25
50
75
100
125
150
T , C ase Tem perature (°C)
C
V
= 15V
GE
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , R ectangular P ulse D ura tion (sec)
1
D = 0 .5 0
0.01
0.02
0.05
0.1 0
0.2 0
S IN G L E P U L S E
(T HE RM A L RE S P O N S E )
P
t 2
1
t
DM
N ote s :
1 . D u ty f ac t or D = t / t
2 . P e a k T = P
x Z
+ T
1
2
J
DM
th J C
C


Similar Part No. - IRG4PC50UPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC50UPBF IRF-IRG4PC50UPBF Datasheet
640Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
More results

Similar Description - IRG4PC50UPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com